Electronic Components Datasheet Search
  English  ▼

X  

3055 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3055
Description  MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3055 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3055 Datasheet HTML 1Page - Allegro MicroSystems 3055 Datasheet HTML 2Page - Allegro MicroSystems 3055 Datasheet HTML 3Page - Allegro MicroSystems 3055 Datasheet HTML 4Page - Allegro MicroSystems 3055 Datasheet HTML 5Page - Allegro MicroSystems 3055 Datasheet HTML 6Page - Allegro MicroSystems 3055 Datasheet HTML 7Page - Allegro MicroSystems 3055 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3055
MULTIPLEXED
TWO-WIRE HALL EFFECT
SENSOR IC
FUNCTIONAL BLOCK DIAGRAM
SENSOR LOCATION
(±0.005” [0.13 mm] die placement)
A
1
3
2
Dwg. MH-002A
0.015"
0.38 mm
NOM
0.071"
1.80 mm
0.084"
2.13 mm
BRANDED
SURFACE
ACTIVE AREA DEPTH
CLOCK
Dwg. FH-009
BUS
SWITCH IN
(OPTIONAL)
GROUND
CMOS LOGIC
REG
COMP
COMP
RESET
1
3
2
DEFINITION OF TERMS
Sensor Address
Each bus sensor has a factory-specified predefined
address. At present, allowable sensor addresses are
integers from 1 to 30.
LOW-to-HlGH Clock Threshold (V
CLH)
Minimum voltage required during the positive-going
transition to increment the bus address and trigger a
diagnostic response from the bus sensors. This is also
the maximum threshold of the on-chip comparator, which
monitors the supply voltage, V
BUS.
HlGH-to-LOW Threshold (V
HL)
Maximum voltage required during the negative-going
transition to trigger a
signal current response from the bus
sensors. This is also the maximum threshold of the on-
chip comparator, which monitors the supply voltage, V
BUS.
Bus HIGH Voltage (V
H)
Bus HIGH voltage required for addressing. Voltage
should be greater than V
CLH.
Address LOW Voltage (V
L)
Bus LOW Voltage required for addressing. Voltage
should be greater than V
RST and less than VCHL.
Bus Reset Voltage (V
RST)
Voltage level required to reset individual sensors.
Sensor Quiescent Current Drain (I
Q)
The current drain of bus sensors when active but not
addressed. I
QH is the maximum quiescent current drain
when the sensor is not addressed and is at V
H.
I
QL is the
maximum quiescent current drain when the sensor is not
addressed and is at V
L.
Diagnostic Phase
Period on the bus when the address voltage is at V
H.
During this period, a correctly addressed sensor responds
by increasing its current drain on the bus. This response
from the sensor is called the diagnostic response and
the bus current
increase is called the diagnostic current.
Signal Phase
Period on the bus when the address voltage is at V
L. During
this period, a correctly addressed sensor that detects a
magnetic field greater than magnetic Operate Point, B
OP,
responds by maintaining a current drain of I
S on the bus.
This response from the sensor is called the signal response
and the bus current
increase is called the signal current.
Sensor Address Response Current (I
S)
Current returned by the bus sensors during the
diagnostic and
the
signal responses of the bus sensors. This is accomplished
by enabling the constant current source (CCS).
Magnetic Operate Point (B
OP)
Minimum magnetic field required to switch ON the Hall
amplifier and switching circuitry of the addressed sensor.
This circuitry is only active when the sensor is addressed.
Magnetic Release Point (B
RP)
Magnetic field required to switch OFF the Hall amplifier
and switching circuitry after the output has switched ON.
This is due to magnetic memory in the switching circuitry.
However, when a device is deactivated by changing the
current bus address, all magnetic memory is lost.
Magnetic Hysteresis (B
HYS)
Difference between the B
OP and BRP magnetic field thresh-
olds.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com