Electronic Components Datasheet Search
  English  ▼

X  

3150 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3150
Description  PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3150 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3150 Datasheet HTML 1Page - Allegro MicroSystems 3150 Datasheet HTML 2Page - Allegro MicroSystems 3150 Datasheet HTML 3Page - Allegro MicroSystems 3150 Datasheet HTML 4Page - Allegro MicroSystems 3150 Datasheet HTML 5Page - Allegro MicroSystems 3150 Datasheet HTML 6Page - Allegro MicroSystems 3150 Datasheet HTML 7Page - Allegro MicroSystems 3150 Datasheet HTML 8Page - Allegro MicroSystems 3150 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DISCONTINUED
PRODUCT
—
FOR
REFERENCE
ONL
Y.
Use
A3250
for
new
design
The A3150JLT and A3150JUA programmable switches provide
tooth/valley recognition in large gear-tooth sensing applications. Each
sensor consists of a single element, chopper-stabilized Hall-effect IC
that can be programmed to the desired magnetic switch point, opti-
mizing sensor airgap and timing accuracy performance after final
packaging. The small package can be easily assembled and used in
conjunction with a wide variety of gear/target shapes and sizes. The
two devices differ only in package style.
The sensing technology used for this sensor is Hall-effect based.
The sensor incorporates a single-element Hall IC that switches in
response to magnetic signals created by a ferrous target. The program-
mability of the circuit eliminates magnet and system offsets such as
those caused by tilt yet provides zero-speed detection capabilities
without the associated running jitter inherent in classical digital solu-
tions.
A proprietary dynamic offset cancelation technique, with an
internal high-frequency clock, reduces the residual offset voltage,
which is normally caused by device overmolding, temperature
dependancies, and thermal stress. This technique produces devices that
have an extremely stable quiescent output voltage, are immune to
mechanical stress, and have precise recoverability after temperature
cycling. Many problems normally associated with low-level analog
signals are minimized by having the Hall element and amplifier in a
single chip. Output precision is obtained by internal gain adjustments
during the manufacturing process and operate-point programming in the
user’s application.
This sensor system is ideal for use in gathering speed, position, and
timing information using gear-tooth-based configurations. The
A3150JLT/JUA are particularly suited to those applications that require
accurate duty cycle control or accurate edge detection. The lower
vibration sensitivity also makes these devices extremely useful for
transmission speed sensing.
3150
Dwg. PH-003-2
1
V
CC
3
2
PTCT
Always order by complete part number: the prefix 'A' + the basic four-digit
part number + a suffix to indicate operating temperature range +
a suffix to indicate package style, e.g.,
A3150JLT .
ABSOLUTE MAXIMUM RATINGS
at T
A = 25°C
PRELIMINARY INFORMATION
(subject to change without notice)
April 12, 1999
Supply Voltage, VCC ........................... 26.5 V
Reverse Supply Voltage, VRCC ............ -30 V
Overvoltage Supply Current, ICC ..... 100 mA
Magnetic Flux Density, B ............ Unlimited
Output Current, IOUT ..... Internally Limited
Output OFF Voltage, VOUT ................. 26.5 V
Reverse Output Current, IROUT ......... -50 mA
Operating Temperature Range,
TA ............................... -40°C to +115°C
Storage Temperature, TS ................... +170°C
PROGRAMMABLE, CHOPPER-
STABILIZED, HALL-EFFECT SWITCH
Continued next page


Similar Part No. - 3150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3150 ETC1-3150 Datasheet
48Kb / 1P
4700
3150 ETC2-3150 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
logo
KR Electronics, Inc.
3150 KR-3150 Datasheet
97Kb / 3P
1 MHz Notch Frequency
logo
Pentair plc. All rights...
3150 PENTAIR-3150 Datasheet
275Kb / 2P
VANNE DE COMMANDE DE 2 POUCE
logo
Allegro MicroSystems
3150 ALLEGRO-3150 Datasheet
154Kb / 8P
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
More results

Similar Description - 3150

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL1000 MICRONAS-HAL1000 Datasheet
813Kb / 28P
Programmable Hall Switch
logo
Diodes Incorporated
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
Rev 1
logo
Micronas
HAL1000UT-A MICRONAS-HAL1000UT-A Datasheet
1Mb / 30P
Programmable Hall Switch
logo
Allegro MicroSystems
A1128LLTTR-T ALLEGRO-A1128LLTTR-T Datasheet
362Kb / 20P
Highly Programmable Hall-Effect Switch
logo
Diodes Incorporated
AH1894 DIODES-AH1894 Datasheet
394Kb / 13P
PROGRAMMABLE HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 1
logo
Allegro MicroSystems
ATS128 ALLEGRO-ATS128 Datasheet
539Kb / 25P
Highly Programmable, Back-Biased, Hall-Effect Switch
logo
Melexis Microelectronic...
MLX92232 MELEXIS-MLX92232 Datasheet
763Kb / 12P
End of line programmable Hall-effect Latch / Switch
logo
Allegro MicroSystems
A1128 ALLEGRO-A1128 Datasheet
963Kb / 20P
Highly Programmable Hall-Effect Switch
logo
Micronas
HAL1002 MICRONAS-HAL1002 Datasheet
400Kb / 29P
Highly Precise Programmable Hall-Effect Switch
logo
Melexis Microelectronic...
MLX92361 MELEXIS-MLX92361 Datasheet
795Kb / 18P
Isolated output programmable Hall Effect Latch/Switch/Omnipolar switch
REVISION 2 - FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com