Electronic Components Datasheet Search
  English  ▼

X  

3150 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3150
Description  PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3150 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3150 Datasheet HTML 1Page - Allegro MicroSystems 3150 Datasheet HTML 2Page - Allegro MicroSystems 3150 Datasheet HTML 3Page - Allegro MicroSystems 3150 Datasheet HTML 4Page - Allegro MicroSystems 3150 Datasheet HTML 5Page - Allegro MicroSystems 3150 Datasheet HTML 6Page - Allegro MicroSystems 3150 Datasheet HTML 7Page - Allegro MicroSystems 3150 Datasheet HTML 8Page - Allegro MicroSystems 3150 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
3150
PROGRAMMABLE, CHOPPER-
STABILIZED, PRECISION,
HALL-EFFECT SWITCH
TYPICAL ELECTRICAL CHARACTERISTICS
0
25
50
75
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-053-2
125
-25
5.0
4.0
3.0
2.0
1.0
150
B < B
RP
B > B
OP
V
= 5 V
CC
10
15
20
25
SUPPLY VOLTAGE IN VOLTS
0
Dwg. GH-041-2
5
0
2.0
4.0
6.0
8.0
10
B > B OP
B < B
RP
T
= +25
°C
A
0
25
50
75
100
300
0
AMBIENT TEMPERATURE IN
°C
200
100
-50
Dwg. GH-040-4
150
-25
125
I
= 20 mA
V
= 4.5–24 V
OUT
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com