Electronic Components Datasheet Search
  English  ▼

X  

3150 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3150
Description  PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3150 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3150 Datasheet HTML 1Page - Allegro MicroSystems 3150 Datasheet HTML 2Page - Allegro MicroSystems 3150 Datasheet HTML 3Page - Allegro MicroSystems 3150 Datasheet HTML 4Page - Allegro MicroSystems 3150 Datasheet HTML 5Page - Allegro MicroSystems 3150 Datasheet HTML 6Page - Allegro MicroSystems 3150 Datasheet HTML 7Page - Allegro MicroSystems 3150 Datasheet HTML 8Page - Allegro MicroSystems 3150 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3150
PROGRAMMABLE, CHOPPER-
STABILIZED, PRECISION,
HALL-EFFECT SWITCH
www.allegromicro.com
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operate Point
B
OP
Programmable offset range
500
670
850
G
Initial (before programming)
0
20
40
G
Resolution
8.0
11
14
G
∆B
OP
V
CC = 14 V, after programming, BOP ≈ 500 G
-35
8.0
+35
G
Hysteresis
B
hys
5.0
20
35
G
NOTE: Typical data is at V
CC = 5 V and TA = +25°C and is for design information only.
ELECTRICAL CHARACTERISTICS over operating voltage and temperature range (unless
otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
V
CC
Operating, T
J < 165°C
4.25
–
26
V
Power-On State
POS
After programming, V
CC = 0 ¡ 5 V
HIGH
HIGH
HIGH
–
Low Output Voltage
V
OUT(SAT)
I
OUT = 20 mA
–
175
400
mV
Output Current Limit
I
OUTM
V
OUT = 12 V
65
80
95
mA
Output Leakage Current
I
OFF
V
OUT = 24 V
–
0.2
10
µA
Supply Current
I
CC
Before programming, output OFF
–
4.0
7.0
mA
Before programming, output ON
–
5.0
8.0
mA
Reverse Supply Current
I
RCC
V
RCC = -30 V
–
–
-5.0
mA
Power-On Delay
t
on
V
CC > 5 V
–
20
50
µs
Output Rise Time
t
r
R
L = 820 Ω, CL = 20 pF
–
200
–
ns
Output Fall Time
t
f
R
L = 820 Ω, CL = 20 pF
–
100
–
ns
Clock Frequency
fC
–
340
–
kHz
Zener Voltage
V
Z
I
ZT = 100 µA, TA = 25°C27
32
–
V
Zener Impedance
z
z
I
ZT = 10 mA, TA = 25°C
–
50
100
Ω
NOTE: Typical data is at V
CC = 5 V and TA = +25°C and is for design information only.
MAGNETIC CHARACTERISTICS over operating supply voltage and temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com