Electronic Components Datasheet Search
  English  ▼

X  

3161 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3161
Description  HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3161 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3161 Datasheet HTML 1Page - Allegro MicroSystems 3161 Datasheet HTML 2Page - Allegro MicroSystems 3161 Datasheet HTML 3Page - Allegro MicroSystems 3161 Datasheet HTML 4Page - Allegro MicroSystems 3161 Datasheet HTML 5Page - Allegro MicroSystems 3161 Datasheet HTML 6Page - Allegro MicroSystems 3161 Datasheet HTML 7Page - Allegro MicroSystems 3161 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3161
HALL-EFFECT SWITCH
FOR 2-WIRE APPLICATIONS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Limits
At T
A = +25°C
Over Oper. Temp. Range
Characteristic
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Operate Point (output turns OFF)
B
OP
–
130
160
–
130
160
G
Release Point (output turns ON)
B
RP
30
110
–
30
110
–
G
Hysteresis (B
OP - BRP)Bhys
5.0
20
–
5.0
20
80
G
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
V
CC
Operating
3.5
—
25
V
Load Current
I
OUT + ICC
3.5 V
≤ V
OUT < 12 V, B < BRP
12
15
17
mA
(2-wire application)
V
OUT ≥ 12 V, B < BRP
12
15
19
mA
B > B
OP
—3.5
5.0
mA
Output Current
I
OUT
B < B
RP
—12
—
mA
I
OFF
V
OUT = 24 V, B > BOP
—
<1.0
10
µA
Output Saturation Voltage
V
OUT
I
OUT = 5 mA, B < BRP
–0.9
1.5
V
Output Slew Rate
di/dt
C
L = 20 pF
—
7.0
20
mA/
µs
Output Settling Time
t
sd
C
L = 20 pF
—
—
20
µs
ELECTRICAL CHARACTERISTICS over operating voltage and temperature ranges.
Copyright © 1998, 1999, Allegro MicroSystems, Inc.
MAGNETIC CHARACTERISTICS over operating supply voltage range.
FUNCTIONAL BLOCK DIAGRAM
NOTE:Typical values are at T
A = +25°C and VCC = 12 V.
VCC
X
REG.
Dwg. FH-017
GROUND
OUTPUT
3
2
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com