Electronic Components Datasheet Search
  English  ▼

X  

3161 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3161
Description  HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3161 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3161 Datasheet HTML 1Page - Allegro MicroSystems 3161 Datasheet HTML 2Page - Allegro MicroSystems 3161 Datasheet HTML 3Page - Allegro MicroSystems 3161 Datasheet HTML 4Page - Allegro MicroSystems 3161 Datasheet HTML 5Page - Allegro MicroSystems 3161 Datasheet HTML 6Page - Allegro MicroSystems 3161 Datasheet HTML 7Page - Allegro MicroSystems 3161 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3161
HALL-EFFECT SWITCH
FOR 2-WIRE APPLICATIONS
www.allegromicro.com
SWITCH POINTS
TOTAL SUPPLY CURRENT
TYPICAL OPERATING CHARACTERISTICS
OUTPUT SATURATION VOLTAGE
SAFE OPERATING AREA
0
50
100
AMBIENT TEMPERATURE in
°C
-50
Dwg. GH-044-1
150
200
100
50
150
0
-25
25
75
125
OVER OPER. VOLT. RANGE
OPERATE POINT
RELEASE POINT
0
20
15
0
25
5075100
AMBIENT TEMPERATURE in
°C
-50
Dwg. GH-028-4
125
-25
150
5.0
10
B < BRP
B > BOP
VCC = 25 V
VCC = 25 V
VCC = 3.5 V
VCC = 3.5 V
25
15
5
20
60
100
140
0
AMBIENT TEMPERATURE in
°C
Dwg. GH-068
40
80
120
180
30
20
10
160
PACKAGE SUFFIX
CODE -UA
PACKAGE SUFFIX
CODE -LT
0
25
50
75
100
1200
0
AMBIENT TEMPERATURE in
°C
800
400
-50
Dwg. GH-029-3
150
-25
125
IOUT = 5 mA
VCC = 10 V
1000
600
200



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com