Electronic Components Datasheet Search
  English  ▼

X  

3161 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3161
Description  HALL-EFFECT SWITCH FOR 2-WIRE APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3161 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3161 Datasheet HTML 1Page - Allegro MicroSystems 3161 Datasheet HTML 2Page - Allegro MicroSystems 3161 Datasheet HTML 3Page - Allegro MicroSystems 3161 Datasheet HTML 4Page - Allegro MicroSystems 3161 Datasheet HTML 5Page - Allegro MicroSystems 3161 Datasheet HTML 6Page - Allegro MicroSystems 3161 Datasheet HTML 7Page - Allegro MicroSystems 3161 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3161
HALL-EFFECT SWITCH
FOR 2-WIRE APPLICATIONS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Suffix “LT”
SENSOR LOCATIONS
OPERATION
The output of these devices (pin 3) switches OFF when the magnetic
field at the Hall sensor exceeds the operate point threshold (B
OP). When the
magnetic field is reduced to below the release point threshold (B
RP), the
device output switches ON. The difference in the magnetic operate and
release points is called the hysteresis (B
hys) of the device. This built-in
hysteresis allows clean switching of the output even in the presence of
external mechanical vibration and electrical noise.
Suffix “UA”
APPLICATIONS INFORMATION
These devices are normally operated in a 2-wire mode, where the supply
terminal and the output terminal are tied together. An external comparator
detects the change in total supply current by the addition (output off, B > B
OP)
or subtraction (output on, B < B
RP) of IOUT.
Hall effect applications information is available in the “Hall-Effect IC
Applications Guide”, which can be found in the latest issue of the Allegro
MicroSystems Electronic Data Book, AMS-702 or Application Note 27701,
or at
www.allegromicro.com.
TYPICAL 2-WIRE APPLICATION
0.045"
1.14 mm
1
3
2
Dwg. MH-008-7
0.030"
0.76 mm
NOM
ACTIVE AREA DEPTH
0.085"
2.16 mm
A
1
3
2
Dwg. MH-011-8
0.018"
0.46 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.078"
1.98 mm
0.054"
1.36 mm
A
0.85 V
V
CC
100
Ω
Dwg. EH-011A
0.1
µF
SUPPLY
Icc + IoUT
–
+
100
125
150
175
200
3.0
0
MAGNETIC FLUX DENSITY in GAUSS
12
9.0
6.0
75
Dwg. GH-007-1
50
25
0
15
BOP
BRP
TA = +25
°C
Allegro



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com