Electronic Components Datasheet Search
  English  ▼

X  

3185 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3185
Description  HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3185 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3185 Datasheet HTML 1Page - Allegro MicroSystems 3185 Datasheet HTML 2Page - Allegro MicroSystems 3185 Datasheet HTML 3Page - Allegro MicroSystems 3185 Datasheet HTML 4Page - Allegro MicroSystems 3185 Datasheet HTML 5Page - Allegro MicroSystems 3185 Datasheet HTML 6Page - Allegro MicroSystems 3185 Datasheet HTML 7Page - Allegro MicroSystems 3185 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3185 THRU 3189
HALL-EFFECT LATCHES
FOR HIGH-TEMPERATURE
OPERATION
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ELECTRICAL CHARACTERISTICS over operating temperature range, at VCC = 12 V.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
Operating
3.8
—
24
V
Output Saturation Voltage
VOUT(SAT)
IOUT = 20 mA, B > BOP
—
175
400
mV
Output Leakage Current
IOFF
VOUT = 24 V, B < BRP
—
0.05
5.0
µA
Supply Current
ICC
B < BRP (Output OFF)
—
4.75
8.0
mA
B > BOP (Output ON)
—
5.7
—
mA
Output Rise Time
tr
RL = 820
Ω, CL = 20 pF
—
100
—
ns
Output Fall Time
tf
RL = 820
Ω, CL = 20 pF
—
100
—
ns
MAGNETIC CHARACTERISTICS in gauss over operating supply voltage range.
Part Numbers*
A3185
A3187
A3188
A3189
Characteristic
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
BOP at TA = 25
°C
170
270
50
150
100
180
50
230
over operating temp. range
140
300
50
175
80
200
50
250
BRP at TA = 25
°C
-270
-170
-150
-50
-180
-100
-230
-50
over operating temp. range
-300
-140
-175
-50
-200
-80
-250
-50
Bhys at TA = 25
°C
340
540
100
300
200
360
100
460
over operating temp. range
280
600
100
350
160
400
100
500
FUNCTIONAL BLOCK DIAGRAM
NOTES: BOP = operate point (output turns ON); BRP = release point (output turns OFF); Bhys = hysteresis (BOP - BRP).
As used here, negative flux densities are defined as less than zero (algebraic convention).
*Complete part number includes a suffix to identify operating temperature range (E or L) and package type ( LT, U, or UA).
VCC
X
REG.
Dwg. FH-005-3
GROUND
OUTPUT
1
3
2
Copyright © 1995, 1999, Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com