Electronic Components Datasheet Search
  English  ▼

X  

3185 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3185
Description  HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3185 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3185 Datasheet HTML 1Page - Allegro MicroSystems 3185 Datasheet HTML 2Page - Allegro MicroSystems 3185 Datasheet HTML 3Page - Allegro MicroSystems 3185 Datasheet HTML 4Page - Allegro MicroSystems 3185 Datasheet HTML 5Page - Allegro MicroSystems 3185 Datasheet HTML 6Page - Allegro MicroSystems 3185 Datasheet HTML 7Page - Allegro MicroSystems 3185 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3185 THRU 3189
HALL-EFFECT LATCHES
FOR HIGH-TEMPERATURE
OPERATION
TYPICAL OPERATING CHARACTERISTICS
A3185* SWITCH POINTS
A3187* SWITCH POINTS
* Complete part number includes a suffix denoting operating temperature range (E or L) and package type (LT, U, or UA).
OUTPUT SATURATION VOLTAGE
SUPPLY CURRENT
SUPPLY CURRENT
OPERATE POINT
0
50
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-027
0
50
100
-50
-100
OPERATE POINT
RELEASE POINT
V
= 12 V
CC
150
150
-150
-25
25
75
125
0
25
50
75
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-028
125
-25
V
= 12 V
CC
B
≤ B
RP
7.0
6.0
5.0
4.0
B
≥ B
OP
150
025
50
75
100
300
0
AMBIENT TEMPERATURE IN
°C
200
100
-50
Dwg. GH-029
150
-25
125
I
= 20 mA
V
= 4.5–24 V
OUT
CC
10
15
20
25
SUPPLY VOLTAGE IN VOLTS
0
Dwg. GH-037
5
-5.0
0
5.0
10
15
20
T
= +25
°C
A
0
50
100
AMBIENT TEMPERATURE IN
°C
-50
Dwg. GH-026
0
100
200
-100
-200
OPERATE POINT
RELEASE POINT
V
= 12 V
CC
150
300
-300
-25
25
75
125
10
15
20
25
SUPPLY VOLTAGE IN VOLTS
0
Dwg. GH-030
5
0
2.0
4.0
6.0
8.0
10
B
≥ B
OP
B
≤ B
RP
T
= +25
°C
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com