Electronic Components Datasheet Search
  English  ▼

X  

3185 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3185
Description  HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3185 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3185 Datasheet HTML 1Page - Allegro MicroSystems 3185 Datasheet HTML 2Page - Allegro MicroSystems 3185 Datasheet HTML 3Page - Allegro MicroSystems 3185 Datasheet HTML 4Page - Allegro MicroSystems 3185 Datasheet HTML 5Page - Allegro MicroSystems 3185 Datasheet HTML 6Page - Allegro MicroSystems 3185 Datasheet HTML 7Page - Allegro MicroSystems 3185 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3185 THRU 3189
HALL-EFFECT LATCHES
FOR HIGH-TEMPERATURE
OPERATION
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SENSOR LOCATIONS
(
±0.005” [0.13 mm] die placement)
Package Designators “LT”
1
3
2
Dwg. MH-008-4B
0.030"
0.76 mm
NOM
ACTIVE AREA DEPTH
0.050"
1.27 mm
0.090"
2.27 mm
A
Package Designator “U”
1
3
2
Dwg. MH-002-7B
0.015"
0.38 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.077"
1.96 mm
0.092"
2.33 mm
A
Package Designators “UA” and "UA-TL"
1
3
2
Dwg. MH-011-4B
0.018"
0.46 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.083"
2.10 mm
0.060"
1.51 mm
A
The simplest form of magnet that will operate these devices is a ring
magnet, as shown below. Other methods of operation are possible.
Dwg. A-11,899
OPERATION
In operation, the output transistor is OFF until the strength of the mag-
netic field perpendicular to the surface of the chip exceeds the threshold or
operate point (BOP). When the field strength exceeds BOP, the output transis-
tor switches ON and is capable of sinking 25 mA of current.
The output transistor switches OFF when magnetic field reversal results
in a magnetic flux density below the OFF threshold (BRP). This is illustrated
in the transfer characteristics graph (A3187* shown).
Note that the device latches; that is, a south pole of sufficient strength
will turn the device ON. Removal of the south pole will leave the device ON.
The presence of a north pole of sufficient strength is required to turn the
device OFF.
APPLICATIONS INFORMATION
Extensive applications information on magnets and Hall-effect sensors is
also available in the Allegro Integrated and Discrete Semiconductors Data
Book or Application Note 27701.
30 V
MAX
0+B
0
FLUX DENSITY
Dwg. GH-034-4
-B
RP
B
VOUT(SAT)
BB
V
OP
B
Although sensor location is accurate to three
sigma for a particular design, product improve-
ments may result in small changes to sensor
location.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com