Electronic Components Datasheet Search
  English  ▼

X  

DMVA3 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DMVA3
Description  DMVA3 and DMVA4 DaVinc Digital Media Processor
PDF  287 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DMVA3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DMVA3 Datasheet HTML 2Page - Texas Instruments DMVA3 Datasheet HTML 3Page - Texas Instruments DMVA3 Datasheet HTML 4Page - Texas Instruments DMVA3 Datasheet HTML 5Page - Texas Instruments DMVA3 Datasheet HTML 6Page - Texas Instruments DMVA3 Datasheet HTML 7Page - Texas Instruments DMVA3 Datasheet HTML 8Page - Texas Instruments DMVA3 Datasheet HTML 9Page - Texas Instruments DMVA3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 287 page
background image
DMVA3, DMVA4
SPRS872B – MAY 2013 – REVISED DECEMBER 2013
www.ti.com
1
High-Performance System-on-Chip (SoC)
......... 1
7.2
Power
.............................................. 131
1.1
Features
............................................. 1
7.3
Reset
.............................................. 139
1.2
Applications
.......................................... 3
7.4
Clocking
........................................... 147
1.3
Description
........................................... 4
7.5
Interrupts
.......................................... 161
1.4
Functional Block Diagram
........................... 5
8
Peripheral Information and Timings
............. 164
Revision History
.............................................. 7
8.1
Parameter Information
............................ 164
8.2
Recommended Clock and Control Signal Transition
2
Device Overview
........................................ 8
Behavior
........................................... 165
2.1
Device Comparison
.................................. 8
8.3
Audio Tracking Logic (ATL)
....................... 166
2.2
Device Characteristics
............................... 8
8.4
Controller Area Network Interface (DCAN)
....... 167
2.3
Device Compatibility
................................ 10
8.5
EDMA
............................................. 169
2.4
ARM® Cortex™-A8 Microprocessor Unit
(Processor) Subsystem Overview
.................. 10
8.6
Emulation Features and Capability
............... 172
2.5
Media Controller Overview
......................... 12
8.7
Ethernet MAC Switch (EMAC SW)
................ 176
2.6
HDVICP2 Overview
................................ 12
8.8
General-Purpose Input/Output (GPIO)
............ 185
8.9
General-Purpose Memory Controller (GPMC) and
2.7
Face Detect (FD) Overview
........................ 12
Error Location Module (ELM)
..................... 187
2.8
Spinlock Module Overview
......................... 13
8.10
High-Definition Multimedia Interface (HDMI)
...... 202
2.9
Mailbox Module Overview
.......................... 14
8.11
High-Definition Video Processing Subsystem
2.10
Memory Map Summary
............................. 15
(HDVPSS)
......................................... 205
3
Device Pins
............................................. 22
8.12
Inter-Integrated Circuit (I2C)
...................... 213
3.1
Pin Maps
........................................... 22
8.13
Imaging Subsystem (ISS)
......................... 216
3.2
Pin Assignments
.................................... 33
8.14
DDR2/DDR3/DDR3L Memory Controller
.......... 221
3.3
Terminal Functions
................................. 63
8.15
Multichannel Audio Serial Port (McASP)
.......... 255
4
Device Configurations
.............................. 110
8.16
MultiMedia Card/Secure Digital/Secure Digital Input
4.1
Control Module Registers
......................... 110
Output (MMC/SD/SDIO)
........................... 260
4.2
Boot Modes
....................................... 110
8.17
Peripheral Component Interconnect Express (PCIe)
..................................................... 262
4.3
Pin Multiplexing Control
........................... 116
8.18
Serial ATA Controller (SATA)
..................... 265
4.4
Handling Unused Pins
............................ 119
8.19
Serial Peripheral Interface (SPI)
.................. 268
4.5
DeBugging Considerations
........................ 119
8.20
Timers
............................................. 274
5
System Interconnect
................................ 121
8.21
Universal Asynchronous Receiver/Transmitter
6
Device Operating Conditions
...................... 125
(UART)
............................................ 276
6.1
Absolute Maximum Ratings
....................... 125
8.22
Universal Serial Bus (USB2.0)
.................... 278
6.2
Recommended Operating Conditions
............. 126
9
Device and Documentation Support
............. 280
6.3
Reliability Data
.................................... 128
9.1
Device Support
.................................... 280
6.4
Electrical Characteristics Over Recommended
9.2
Documentation Support
........................... 282
Ranges of Supply Voltage and Operating
Temperature (Unless Otherwise Noted)
.......... 129
9.3
Community Resources
............................ 282
7
Power, Reset, Clocking, and Interrupts
......... 131
10
Mechanical
............................................ 283
7.1
Power, Reset and Clock Management (PRCM)
10.1
Thermal Data for the AAR
........................ 283
Module
............................................ 131
10.2
Packaging Information
............................ 283
6
Contents
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DMVA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com