Electronic Components Datasheet Search
  English  ▼

X  

DMVA3 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DMVA3
Description  DMVA3 and DMVA4 DaVinc Digital Media Processor
PDF  287 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DMVA3 Datasheet(HTML) 1 Page - Texas Instruments

  DMVA3 Datasheet HTML 1Page - Texas Instruments DMVA3 Datasheet HTML 2Page - Texas Instruments DMVA3 Datasheet HTML 3Page - Texas Instruments DMVA3 Datasheet HTML 4Page - Texas Instruments DMVA3 Datasheet HTML 5Page - Texas Instruments DMVA3 Datasheet HTML 6Page - Texas Instruments DMVA3 Datasheet HTML 7Page - Texas Instruments DMVA3 Datasheet HTML 8Page - Texas Instruments DMVA3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 287 page
background image
DMVA3, DMVA4
www.ti.com
SPRS872B – MAY 2013 – REVISED DECEMBER 2013
DMVA3 and DMVA4 DaVinci™ Digital Media Processor
Check for Samples: DMVA3
1
High-Performance System-on-Chip (SoC)
1.1
Features
1234
• High-Performance DaVinci Digital Media
• Face Detect (FD) Engine
Processors
– Hardware Face Detection for up to 35 Faces
– Up to 970-MHz ARM® Cortex™-A8 RISC
Per Frame
Processor
• Programmable High-Definition Video Image
– Up to 1940 ARM Cortex-A8 MIPS
Coprocessing (HDVICP v2) Engine
• ARM Cortex-A8 Core
– Encode, Decode, Transcode Operations
– ARMv7 Architecture
– H.264 BP/MP/HP, MPEG-2, VC-1, MPEG-4
SP/ASP, JPEG/MJPEG
•
In-Order, Dual-Issue, Superscalar
Processor Core
– Fourth-Generation Motion-Compensated
Noise Filter
•
NEON™ Multimedia Architecture
• Media Controller
•
Supports Integer and Floating Point
– Controls the HDVPSS, HDVICP2, Vision
•
Jazelle® RCT Execution Environment
Coprocessor, and ISS
• ARM Cortex-A8 Memory Architecture
• Endianness
– 32KB of Instruction and Data Caches
– ARM Instructions and Data – Little Endian
– 256KB of L2 Cache with ECC
• HD Video Processing Subsystem (HDVPSS)
– 64KB of RAM, 48KB of Boot ROM
– Two 165-MHz HD Video Capture Inputs
• 256KB of On-Chip Memory Controller (OCMC)
•
One 16- or 24-Bit Input, Splittable Into
RAM
Dual 8-Bit SD Capture Ports
• Imaging Subsystem (ISS)
•
One 8-, 16-, or 24-Bit HD Input and 8-Bit
– Camera Sensor Connection
SD Input Capture Port
•
Parallel Connection for Raw (up to 16-Bit)
– Two 165-MHz HD Video Display Outputs
and BT.656/BT.1120 (8- or 16-Bit)
•
One 16-, 24-, or 30-Bit and One 16- or 24-
•
CSI2 Serial Connection
Bit Output
– Image Sensor Interface (ISIF) for Handling
– Component HD Analog Output
Image and Video Data From the Camera
– Composite Analog Output
Sensor
– Digital HDMI 1.3 Transmitter with Integrated
– Image Pipe Interface (IPIPEIF) for Image and
PHY
Video Data Connection Between Camera
Sensor, ISIF, IPIPE, and DRAM
– Advanced Video Processing Features Such
as Scan, Format, and Rate Conversion
– Image Pipe (IPIPE) for Real-Time Image and
Video Processing
– Three Graphics Layers and Compositors
– Resizer
• 32-Bit DDR2, DDR3, and DDR3L SDRAM
Interface
•
Resizing Image and Video From 1/16x to
8x
– Supports up to 400 MHz for DDR2, 533 MHz
for DDR3, and 533 MHz for DDR3L
•
Generating Two Different Resizing
Outputs Concurrently
– Up to Two x 16 Devices, 2GB of Total
Address Space
•
Hardware 3A Engine (H3A) for Generating
Key Statistics for 3A (AE, AWB, and AF)
– Dynamic Memory Manager (DMM)
Control
•
Programmable Multi-Zone Memory
• Vision Coprocessor
Mapping
•
Enables Efficient 2D Block Accesses
•
Supports Tiled Objects in 0°, 90°, 180°, or
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Device/BIOS, XDS are trademarks of Texas Instruments.
3
Skype is a trademark of Skype.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - DMVA3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DMV STMICROELECTRONICS-DMV Datasheet
114Kb / 9P
DAMPER MODULATION DIODE FOR VIDEO
Insulated
logo
PAIRUI GROUP INC.
DMV-1 PAIRUI-DMV-1 Datasheet
611Kb / 4P
DC-DC Converter
DMV-10 PAIRUI-DMV-10 Datasheet
507Kb / 4P
DC-DC Converter
DMV-10 PAIRUI-DMV-10 Datasheet
519Kb / 4P
DC-DC Conveter
DMV-10W PAIRUI-DMV-10W Datasheet
508Kb / 4P
DC-DC Converter
More results

Similar Description - DMVA3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
Digital Media Processor
DM383 TI1-DM383_13 Datasheet
2Mb / 267P
DM383 DaVinc Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_17 Datasheet
2Mb / 252P
Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com