Electronic Components Datasheet Search
  English  ▼

X  

DMVA3 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # DMVA3
Description  DMVA3 and DMVA4 DaVinc Digital Media Processor
PDF  287 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DMVA3 Datasheet(HTML) 86 Page - Texas Instruments

Back Button DMVA3 Datasheet HTML 82Page - Texas Instruments DMVA3 Datasheet HTML 83Page - Texas Instruments DMVA3 Datasheet HTML 84Page - Texas Instruments DMVA3 Datasheet HTML 85Page - Texas Instruments DMVA3 Datasheet HTML 86Page - Texas Instruments DMVA3 Datasheet HTML 87Page - Texas Instruments DMVA3 Datasheet HTML 88Page - Texas Instruments DMVA3 Datasheet HTML 89Page - Texas Instruments DMVA3 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 287 page
background image
DMVA3, DMVA4
SPRS872B – MAY 2013 – REVISED DECEMBER 2013
www.ti.com
3.3.16 PCI Express (PCIe)
Table 3-34. PCI Express (PCIe) Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
PCIE_RXN0
PCIE Receive Data Lane 0. When the PCIe SERDES are I
J30
powered down, these pins should be left unconnected.
PCIE_RXP0
PCIE Receive Data Lane 0. When the PCIe SERDES are I
K30
powered down, these pins should be left unconnected.
PCIE_TXN0
PCIE Transmit Data Lane 0. When the PCIe SERDES
O
K31
are powered down, these pins should be left
unconnected.
PCIE_TXP0
PCIE Transmit Data Lane 0. When the PCIe SERDES
O
L31
are powered down, these pins should be left
unconnected.
SERDES_CLKN
PCIE Serdes Reference Clock Inputs and optional SATA
I
H31
Reference Clock Inputs. When PCIe is not used, and
these pins are not used as optional SATA Reference
Clock Inputs, these pins can be left unconnected.
SERDES_CLKP
PCIE Serdes Reference Clock Inputs and optional SATA
I
H30
Reference Clock Inputs. When PCIe is not used, and
these pins are not used as optional SATA Reference
Clock Inputs, these pins can be left unconnected.
86
Device Pins
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DMVA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com