Electronic Components Datasheet Search
  English  ▼

X  

DMVA3 Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # DMVA3
Description  DMVA3 and DMVA4 DaVinc Digital Media Processor
PDF  287 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DMVA3 Datasheet(HTML) 101 Page - Texas Instruments

Back Button DMVA3 Datasheet HTML 97Page - Texas Instruments DMVA3 Datasheet HTML 98Page - Texas Instruments DMVA3 Datasheet HTML 99Page - Texas Instruments DMVA3 Datasheet HTML 100Page - Texas Instruments DMVA3 Datasheet HTML 101Page - Texas Instruments DMVA3 Datasheet HTML 102Page - Texas Instruments DMVA3 Datasheet HTML 103Page - Texas Instruments DMVA3 Datasheet HTML 104Page - Texas Instruments DMVA3 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 287 page
background image
DMVA3, DMVA4
www.ti.com
SPRS872B – MAY 2013 – REVISED DECEMBER 2013
3.3.26.2 Video Input 1 (Digital)
Table 3-55. Video Input 1 (Digital) Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
VIN[1]A_CLK
Video Input 1 Port A Clock input. Input clock for 8-bit, 16-
I
F1
bit, or 24-bit Port A video capture. Input data is sampled
on the CLK0 edge.
VIN[1]A_D[0]
Video Input 1 Data inputs. For 16-bit capture, D[7:0] are
I
F2
Cb/Cr Port A inputs. For 8-bit capture, D[7:0] are Port A
YCbCr data inputs. For RGB capture, D[7:0] are B Port A
data inputs.
VIN[1]A_D[1]
Video Input 1 Data inputs. For 16-bit capture, D[7:0] are
I
F3
Cb/Cr Port A inputs. For 8-bit capture, D[7:0] are Port A
YCbCr data inputs. For RGB capture, D[7:0] are B Port A
data inputs.
VIN[1]A_D[2]
Video Input 1 Data inputs. For 16-bit capture, D[7:0] are
I
G1
Cb/Cr Port A inputs. For 8-bit capture, D[7:0] are Port A
YCbCr data inputs. For RGB capture, D[7:0] are B Port A
data inputs.
VIN[1]A_D[3]
Video Input 1 Data inputs. For 16-bit capture, D[7:0] are
I
G2
Cb/Cr Port A inputs. For 8-bit capture, D[7:0] are Port A
YCbCr data inputs. For RGB capture, D[7:0] are B Port A
data inputs.
VIN[1]A_D[4]
Video Input 1 Data inputs. For 16-bit capture, D[7:0] are
I
H3
Cb/Cr Port A inputs. For 8-bit capture, D[7:0] are Port A
YCbCr data inputs. For RGB capture, D[7:0] are B Port A
data inputs.
VIN[1]A_D[5]
Video Input 1 Data inputs. For 16-bit capture, D[7:0] are
I
G3
Cb/Cr Port A inputs. For 8-bit capture, D[7:0] are Port A
YCbCr data inputs. For RGB capture, D[7:0] are B Port A
data inputs.
VIN[1]A_D[6]
Video Input 1 Data inputs. For 16-bit capture, D[7:0] are
I
H5
Cb/Cr Port A inputs. For 8-bit capture, D[7:0] are Port A
YCbCr data inputs. For RGB capture, D[7:0] are B Port A
data inputs.
VIN[1]A_D[7]
Video Input 1 Data inputs. For 16-bit capture, D[7:0] are
I
M8
Cb/Cr Port A inputs. For 8-bit capture, D[7:0] are Port A
YCbCr data inputs. For RGB capture, D[7:0] are B Port A
data inputs.
VIN[1]A_D[8]
Video Input 1 Data inputs. For 16-bit capture, [15:8] are Y I
H6
Port A inputs. For RGB capture, D[15:8] are G Port A
data inputs.
VIN[1]A_D[9]
Video Input 1 Data inputs. For 16-bit capture, [15:8] are Y I
J8
Port A inputs. For RGB capture, D[15:8] are G Port A
data inputs.
VIN[1]A_D[10]
Video Input 1 Data inputs. For 16-bit capture, [15:8] are Y I
J1
Port A inputs. For RGB capture, D[15:8] are G Port A
data inputs.
VIN[1]A_D[11]
Video Input 1 Data inputs. For 16-bit capture, [15:8] are Y I
H4
Port A inputs. For RGB capture, D[15:8] are G Port A
data inputs.
VIN[1]A_D[12]
Video Input 1 Data inputs. For 16-bit capture, [15:8] are Y I
J9
Port A inputs. For RGB capture, D[15:8] are G Port A
data inputs.
VIN[1]A_D[13]
Video Input 1 Data inputs. For 16-bit capture, [15:8] are Y I
L3
Port A inputs. For RGB capture, D[15:8] are G Port A
data inputs.
VIN[1]A_D[14]
Video Input 1 Data inputs. For 16-bit capture, [15:8] are Y I
K1
Port A inputs. For RGB capture, D[15:8] are G Port A
data inputs.
VIN[1]A_D[15]
Video Input 1 Data inputs. For 16-bit capture, [15:8] are Y I
H2
Port A inputs. For RGB capture, D[15:8] are G Port A
data inputs.
Copyright © 2013, Texas Instruments Incorporated
Device Pins
101
Submit Documentation Feedback
Product Folder Links: DMVA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com