| Electronic Components Datasheet Search |
|
DMVA3 Datasheet(PDF) 106 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DMVA3 Datasheet(HTML) 106 Page - Texas Instruments |
|
106 / 287 page ![]() DMVA3, DMVA4 SPRS872B – MAY 2013 – REVISED DECEMBER 2013 www.ti.com Table 3-57. Video Output 0 (Digital) Terminal Functions (continued) SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] VOUT[0]_R_CR[6] Video Output Data. These signals represent the 8 MSBs O C30 of R/Cr video data. For RGB mode they are red data bits, for YUV444 mode they are Cr (Chroma) data bits, for Y/C mode and BT.656 modes they are unused. VOUT[0]_R_CR[7] Video Output Data. These signals represent the 8 MSBs O B30 of R/Cr video data. For RGB mode they are red data bits, for YUV444 mode they are Cr (Chroma) data bits, for Y/C mode and BT.656 modes they are unused. VOUT[0]_R_CR[8] Video Output Data. These signals represent the 8 MSBs O A30 of R/Cr video data. For RGB mode they are red data bits, for YUV444 mode they are Cr (Chroma) data bits, for Y/C mode and BT.656 modes they are unused. VOUT[0]_R_CR[9] Video Output Data. These signals represent the 8 MSBs O B31 of R/Cr video data. For RGB mode they are red data bits, for YUV444 mode they are Cr (Chroma) data bits, for Y/C mode and BT.656 modes they are unused. VOUT[0]_VSYNC Video Output Vertical Sync output. This is the discrete O E20 vertical synchronization output. This signal is not used for embedded sync modes. 3.3.28.2 Video Output 1 (Digital) Table 3-58. Video Output 1 (Digital) Terminal Functions SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] VOUT[1]_AVID Video Output Active Video output. This is the discrete O F1 active video indicator output. This signal is not used for embedded sync modes. VOUT[1]_B_CB_C[0] Video Output Data. These signals represent the 2 LSBs O H9 of B/Cb/C video data for 10-bit, 20-bit, and 30-bit video modes (VOUT[1] only). For RGB mode they are blue data bits, for YUV444 mode they are Cb (Chroma) data bits, for Y/C mode they are multiplexed Cb/Cr (Chroma) data bits and for BT.656 mode they are unused. These signals are not used in 16/24-bit modes. VOUT[1]_B_CB_C[1] Video Output Data. These signals represent the 2 LSBs O D5 of B/Cb/C video data for 10-bit, 20-bit, and 30-bit video modes (VOUT[1] only). For RGB mode they are blue data bits, for YUV444 mode they are Cb (Chroma) data bits, for Y/C mode they are multiplexed Cb/Cr (Chroma) data bits and for BT.656 mode they are unused. These signals are not used in 16/24-bit modes. VOUT[1]_B_CB_C[2] Video Output Data. These signals represent the 8 MSBs O M8 of B/Cb/C video data. For RGB mode they are blue data bits, for YUV444 mode they are Cb (Chroma) data bits, for Y/C mode they are multiplexed Cb/Cr (Chroma) data bits and for BT.656 mode they are unused. VOUT[1]_B_CB_C[3] Video Output Data. These signals represent the 8 MSBs O F2 of B/Cb/C video data. For RGB mode they are blue data bits, for YUV444 mode they are Cb (Chroma) data bits, for Y/C mode they are multiplexed Cb/Cr (Chroma) data bits and for BT.656 mode they are unused. VOUT[1]_B_CB_C[4] Video Output Data. These signals represent the 8 MSBs O F3 of B/Cb/C video data. For RGB mode they are blue data bits, for YUV444 mode they are Cb (Chroma) data bits, for Y/C mode they are multiplexed Cb/Cr (Chroma) data bits and for BT.656 mode they are unused. VOUT[1]_B_CB_C[5] Video Output Data. These signals represent the 8 MSBs O G1 of B/Cb/C video data. For RGB mode they are blue data bits, for YUV444 mode they are Cb (Chroma) data bits, for Y/C mode they are multiplexed Cb/Cr (Chroma) data bits and for BT.656 mode they are unused. 106 Device Pins Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: DMVA3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |