Electronic Components Datasheet Search
  English  ▼

X  

3209 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # 3209
Description  MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3209 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button 3209 Datasheet HTML 4Page - Allegro MicroSystems 3209 Datasheet HTML 5Page - Allegro MicroSystems 3209 Datasheet HTML 6Page - Allegro MicroSystems 3209 Datasheet HTML 7Page - Allegro MicroSystems 3209 Datasheet HTML 8Page - Allegro MicroSystems 3209 Datasheet HTML 9Page - Allegro MicroSystems 3209 Datasheet HTML 10Page - Allegro MicroSystems 3209 Datasheet HTML 11Page - Allegro MicroSystems 3209 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3209 AND 3210
MICROPOWER,
ULTRA-SENSITIVE
HALL-EFFECT SWITCHES
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
8
SENSOR LOCATIONS
(
±0.005” [0.13 mm] die placement)
Package Designator ‘LH’
Package Designators ‘UA’, UA-LC', and ‘UA-TL’
Although sensor location is accurate to three sigma for a
particular design, product improvements may result in small
changes to sensor location.
OUTPUT
Dwg. EH-013-2
0.1
µF
SUPPLY
(3 V BATTERY)
10 pF
1
3
2
Dwg. MH-011-11
0.018"
0.46 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.081"
2.06 mm
0.057"
1.45 mm
A
0.038"
0.96 mm
1
2
Dwg. MH-025
0.011"
0.28 mm
NOM
ACTIVE AREA DEPTH
0.059"
1.49 mm
A
3
Allegro
Applications. Allegro's pole-independent sensing technique
allows for operation with either a north pole or south pole
magnet orientation, enhancing the manufacturability of the
device. The state-of-the-art technology provides the same
output polarity for either pole face.
It is strongly recommended that an external bypass capaci-
tor be connected (in close proximity to the Hall sensor) between
the supply and ground of the device to reduce both external
noise and noise generated by the chopper-stabilization tech-
nique. This is especially true due to the relatively high imped-
ance of battery supplies.
The simplest form of magnet that will operate these devices
is a bar magnet with either pole near the branded surface of the
device. Many other methods of operation are possible. Exten-
sive applications information on magnets and Hall-effect
sensors is also available in the Allegro Electronic Data Book
AMS-702 or Application Note 27701, or at
www.allegromicro.com
0
+B
0
Dwg. GH-043-1
-B
OUTPUT ON
5 V
MAX
BOPS
BRPS
B OPN
BRPN
MAGNETIC FLUX
OUTPUT OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com