Electronic Components Datasheet Search
  English  ▼

X  

3209 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3209
Description  MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3209 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3209 Datasheet HTML 1Page - Allegro MicroSystems 3209 Datasheet HTML 2Page - Allegro MicroSystems 3209 Datasheet HTML 3Page - Allegro MicroSystems 3209 Datasheet HTML 4Page - Allegro MicroSystems 3209 Datasheet HTML 5Page - Allegro MicroSystems 3209 Datasheet HTML 6Page - Allegro MicroSystems 3209 Datasheet HTML 7Page - Allegro MicroSystems 3209 Datasheet HTML 8Page - Allegro MicroSystems 3209 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3209 AND 3210
MICROPOWER,
ULTRA-SENSITIVE
HALL-EFFECT SWITCHES
www.allegromicro.com
3
ELECTRICAL CHARACTERISTICS with CBYPASS = 0.1
µF,
over operating voltage and temperature range (unless otherwise specified).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operate Points
BOPS
South pole to branded side
–
30
60
G
BOPN
North pole to branded side
-60
-35
–
G
Release Points
BRPS
South pole to branded side
5.0
22
–
G
BRPN
North pole to branded side
–
-27
-5.0
G
Hysteresis
Bhys
|BOPx - BRPx|
–
7.7
–
G
NOTES: 1. As used here, negative flux densities are defined as less than zero (algebraic convention) and -50 G is less than +10 G.
2. Typical Data is at TA = +25°C and VDD = 2.75 V and is for design information only.
MAGNETIC CHARACTERISTICS with CBYPASS = 0.1
µF,
over operating voltage and temperature range (unless otherwise specified).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage Range
VDD
Operating1)
2.5
2.75
3.5
V
Output Leakage Current
IOFF
VOUT = 3.5 V, BRPN < B < BRPS
–
«1.0
1.0
µA
Output On Voltage
VOUT
IOUT = 1 mA, VDD = 2.5 V
–
105
300
mV
Awake Time
tawake
30
60
90
µs
Period
tperiod
A3209Ex
240
480
720
µs
A3210Ex
30
60
90
ms
Duty Cycle
d.c.
A3209Ex
–
12.5
–
%
A3210Ex
–
0.10
–
%
Chopping Frequency
fC
–
340
–
kHz
Supply Current
IDD(EN)
Chip awake (enabled)
0.1
–
3.0
mA
(2.5
≤ VDD ≤3.5 V)
IDD(DIS)
Chip asleep (disabled)
1.0
10
50
µA
IDD(AVG)
A3209Ex, VDD = 2.75 V
–
145
425
µA
A3209Ex, VDD = 3.5 V
–
195
425
µA
A3210Ex, VDD = 2.75 V
–
8.8
25
µA
A3210Ex, VDD = 3.5 V
–
13
60
µA
NOTES: 1. Operate and release points will vary with supply voltage.
2. BOPx = operate point (output turns ON); BRPx = release point (output turns OFF).
3. Typical Data is at TA = +25°C and VDD = 2.75 V and is for design information only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com