Electronic Components Datasheet Search
  English  ▼

X  

3240 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3240
Description  CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3240 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3240 Datasheet HTML 1Page - Allegro MicroSystems 3240 Datasheet HTML 2Page - Allegro MicroSystems 3240 Datasheet HTML 3Page - Allegro MicroSystems 3240 Datasheet HTML 4Page - Allegro MicroSystems 3240 Datasheet HTML 5Page - Allegro MicroSystems 3240 Datasheet HTML 6Page - Allegro MicroSystems 3240 Datasheet HTML 7Page - Allegro MicroSystems 3240 Datasheet HTML 8Page - Allegro MicroSystems 3240 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
The A3240-- Hall-effect switch is an extremely temperature-stable
and stress-resistant sensor especially suited for operation over extended
temperature ranges to +150
°C. Superior high-temperature performance
is made possible through dynamic offset cancellation, which reduces the
residual offset voltage normally caused by device overmolding, tempera-
ture dependencies, and thermal stress.
The device includes on a single silicon chip a voltage regulator,
Hall-voltage generator, small-signal amplifier, chopper stabilization,
Schmitt trigger, and a short-circuit protected open-collector output to
sink up to 25 mA. A south pole of sufficient strength will turn the
output on. An on-board regulator permits operation with supply voltages
of 4.2 to 24 volts.
The first character of the part number suffix determines the device
operating temperature range; suffix ‘E–’ is for -40
°C to +85°C and
‘L–’ is -40
°C to +150°C. Three package styles provide a magnetically
optimized package for most applications. Suffix ‘–LH’ is a modified
SOT23W surface-mount package, ‘–LT’ is a miniature SOT89/TO-
243AA transistor package for surface-mount applications; while suffix
‘–UA’ is a three-lead ultra-mini-SIP for through-hole mounting.
FEATURES
s Resistant to Physical Stress
s Superior Temperature Stability
s Output Short-Circuit Protection
s Operation From Unregulated Supply
s Reverse Battery Protection
s Solid-State Reliability
s Small Size
Suffix ‘–LT’ & ‘–UA’ Pinning
(SOT89/TO-243AA & ultra-min SIP)
Pinning is shown viewed from branded side.
CHOPPER-STABILIZED, PRECISION
HALL-EFFECT SWITCH
3240
Supply Voltage, VCC ........................ 26.5 V
Reverse Battery Voltage, VRCC .......... -30 V
Magnetic Flux Density, B ........... Unlimited
Output OFF Voltage, VOUT ................. 26 V
Continuous Output Current,
IOUT .......................................... 25 mA*
Reverse Output Current, IOUT ........ -50 mA
Package Power Dissipation, PD . See Graph
Junction Temperature, TJ ............... +165°C
Operating Temperature Range, TA
Suffix ‘E–’ .................. -40
°C to +85°C
Suffix ‘L–’ ................ -40
°C to +150°C
Storage Temperature Range,
TS .............................. -65°C to +170°C
*Internal current limiting is intended to protect
the device from output short circuits.
ABSOLUTE MAXIMUM RATINGS
at TA = +25°C
Always order by complete part number: the prefix ‘A’ + the basic four-
digit part number + a suffix to indicate operating temperature range +
a suffix to indicate package style, e.g., A3240ELH .
Dwg. PH-003-2
1
V
CC
3
2
PTCT


Similar Part No. - 3240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3240 ETC2-3240 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Heyco.
3240 HEYCO-3240 Datasheet
233Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
TE Connectivity Ltd
3240 TEC-3240 Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Peregrine Semiconductor...
3240-00 PEREGRINE-3240-00 Datasheet
235Kb / 12P
2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
3240-11 PEREGRINE-3240-11 Datasheet
235Kb / 12P
2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
More results

Similar Description - 3240

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A3340 ALLEGRO-A3340 Datasheet
262Kb / 9P
Chopper-Stabilized, Precision Hall-Effect Switch
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
Chopper Stabilized Precision Hall Effect Switches
A1220 ALLEGRO-A1220 Datasheet
288Kb / 13P
Chopper Stabilized Precision Hall Effect Latches
A1121 ALLEGRO-A1121 Datasheet
312Kb / 13P
Chopper Stabilized Precision Hall Effect Switches
A1120 ALLEGRO-A1120_12 Datasheet
331Kb / 15P
Chopper Stabilized Precision Hall Effect Switches
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
Chopper Stabilized, Precision Hall Effect Switch
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
Chopper-Stabilized, Precision Hall-Effect Switch
A3283LLHLT ALLEGRO-A3283LLHLT Datasheet
584Kb / 13P
Chopper-Stabilized, Precision Hall-Effect Latches
A1120 ALLEGRO-A1120_16 Datasheet
886Kb / 18P
Chopper-Stabilized Precision Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com