Electronic Components Datasheet Search
  English  ▼

X  

3240 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3240
Description  CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3240 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3240 Datasheet HTML 1Page - Allegro MicroSystems 3240 Datasheet HTML 2Page - Allegro MicroSystems 3240 Datasheet HTML 3Page - Allegro MicroSystems 3240 Datasheet HTML 4Page - Allegro MicroSystems 3240 Datasheet HTML 5Page - Allegro MicroSystems 3240 Datasheet HTML 6Page - Allegro MicroSystems 3240 Datasheet HTML 7Page - Allegro MicroSystems 3240 Datasheet HTML 8Page - Allegro MicroSystems 3240 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3240
CHOPPER-STABILIZED,
PRECISION
HALL-EFFECT SWITCH
www.allegromicro.com
3
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage Range
VCC
Operating, TJ < 165°C1
4.2
–
24
V
Output Leakage Current
IOFF
VOUT = 24 V, B < BRP
––
10
µA
Output Saturation Voltage
VOUT(SAT)
IOUT = 20 mA, B > BOP
–
185
500
mV
Output Current Limit
IOM
B > BOP
30
–
60
mA
Power-On Time
tpo
VCC > 4.2 V–
–
50
µs
Chopping Frequency
fC
–
340
–
kHz
Output Rise Time
tr
RL = 820 Ω, CL = 20 pF
–
0.2
2.0
µs
Output Fall Time
tf
RL = 820 Ω, CL = 20 pF
–
0.1
2.0
µs
Supply Current
ICC
B < BRP, VCC = 12 V–
3.0
6.0
mA
B > BOP, VCC = 12 V–
4.0
6.0
mA
Reverse Battery Current
ICC
VRCC = -30 V–
–
-5.0
mA
Zener Voltage
VZ + VD
ICC = 15 mA, TA = 25°C
283237
V
Zener Impedance
zz + zD
ICC = 15 mA, TA = 25°C–
50
–
Ω
NOTES:1. Maximum voltage must be adjusted for power dissipation and junction temperature.
2. BOP = operate point (output turns on); BRP = release point (output turns off).
3. Typical Data is at TA = +25°C and VCC = 12 V and is for design information only.
ELECTRICAL CHARACTERISTICS over operating temperature range.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operate Point
BOP
–35
50
G
Release Point
BRP
5.0
25
–
G
Hysteresis
Bhys
BOP - BRP
–10
–
G
NOTES: 1. Typical Data is at TA = +25°C and VCC = 12 V and is for design information only.
2. 1 gauss (G) is exactly equal to 0.1 millitesla (mT).
MAGNETIC CHARACTERISTICS over operating supply voltage and temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com