Electronic Components Datasheet Search
  English  ▼

X  

3240 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3240
Description  CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3240 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3240 Datasheet HTML 1Page - Allegro MicroSystems 3240 Datasheet HTML 2Page - Allegro MicroSystems 3240 Datasheet HTML 3Page - Allegro MicroSystems 3240 Datasheet HTML 4Page - Allegro MicroSystems 3240 Datasheet HTML 5Page - Allegro MicroSystems 3240 Datasheet HTML 6Page - Allegro MicroSystems 3240 Datasheet HTML 7Page - Allegro MicroSystems 3240 Datasheet HTML 8Page - Allegro MicroSystems 3240 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3240
CHOPPER-STABILIZED,
PRECISION
HALL-EFFECT SWITCH
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
4
TYPICAL OPERATING CHARACTERISTICS
as a function of temperature
SUPPLY CURRENT
OUTPUT SATURATION VOLTAGE
SWITCH POINTS
0
50
100
AMBIENT TEMPERATURE IN
°°°°C
-50
Dwg. GH-026-5
30
OPERATE POINT
150
-25
25
75
125
40
50
0
10
20
VCC = 4.5 V
VCC = 24 V
RELEASE POINT
0
25
50
75
100
300
0
AMBIENT TEMPERATURE IN
°°°°C
200
100
-50
Dwg. GH-029-4
150
-25
125
IOUT = 20 mA
VCC = 12 V
6.0
5.0
4.0
3.0
2.0
0
25
50
75
100
AMBIENT TEMPERATURE IN
°°°°C
-50
Dwg. GH-028-5
125
-25
150
OUTPUT ON, B > BOP
OUTPUT OFF, B < BRP
VCC = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com