Electronic Components Datasheet Search
  English  ▼

X  

3517 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3517
Description  RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3517 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3517 Datasheet HTML 1Page - Allegro MicroSystems 3517 Datasheet HTML 2Page - Allegro MicroSystems 3517 Datasheet HTML 3Page - Allegro MicroSystems 3517 Datasheet HTML 4Page - Allegro MicroSystems 3517 Datasheet HTML 5Page - Allegro MicroSystems 3517 Datasheet HTML 6Page - Allegro MicroSystems 3517 Datasheet HTML 7Page - Allegro MicroSystems 3517 Datasheet HTML 8Page - Allegro MicroSystems 3517 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
NOTE: For detailed information on purchasing options, contact your
local Allegro field applications engineer or sales representative.
Allegro MicroSystems, Inc. reserves the right to make, from time to time, revisions to the anticipated product life cycle plan for a
product to accommodate changes in production capabilities, alternative product availabilities, or market demand. The information
included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor
for any infringements of patents or other rights of third parties which may result from its use.
Recommended Substitutions:
Ratiometric, Linear Hall-Effect Sensors
for High-Temperature Operation
A3517 and A3518
For new customers or new applications:
• for the A3517, please refer to the Allegro A1321, and
• for the A3518, please refer to the Allegro A1323.
For existing programs only:
• for the A3517, please refer to the Allegro A3515
A3517LUA is replaced by the A3515LUA
A3517SUA is replaced by the A3515EUA
• for the A3518, please refer to the Allegro A3516
A3518LUA is replaced by the A3516LUA
A3518SUA is replaced by the A3516EUA
Date of status change: May 2, 2005
Deadline for receipt of LAST TIME BUY orders: December 31, 2005
These parts are in production but have been determined to be
LAST TIME BUY. This classification indicates that the product is
obsolete and notice has been given. Sale of this device is currently
restricted to existing customer applications. The device should not be
purchased for new design applications because of obsolescence in the
near future. Samples are no longer available.
Last Time Buy


Similar Part No. - 3517

ManufacturerPart #DatasheetDescription
logo
Linear Technology
3517 LINER-3517 Datasheet
275Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
logo
Lumberg
3517 LUMBERG-3517 Datasheet
277Kb / 3P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3517 LUMBERG-3517 Datasheet
883Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
logo
Adafruit Industries
3517 ADAFRUIT-3517 Datasheet
89Kb / 2P
Circuit Playground Express Developer Edition - Base Kit
5-19-17
logo
Lumberg
3517-1 LUMBERG-3517-1 Datasheet
277Kb / 3P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
More results

Similar Description - 3517

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3503 ALLEGRO-3503 Datasheet
183Kb / 8P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
3507 ALLEGRO-3507 Datasheet
170Kb / 8P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
3515 ALLEGRO-3515 Datasheet
322Kb / 6P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
May 2, 2005
A1321 ALLEGRO-A1321 Datasheet
413Kb / 9P
Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1301 ALLEGRO-A1301 Datasheet
293Kb / 8P
Continuous-Time Ratiometric Linear Hall Effect Sensors
A3503 ALLEGRO-A3503 Datasheet
150Kb / 8P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
A1301 ALLEGRO-A1301_06 Datasheet
267Kb / 8P
Continuous-Time Ratiometric Linear Hall Effect Sensors
A1321 ALLEGRO-A1321_06 Datasheet
319Kb / 11P
Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A3515 ALLEGRO-A3515 Datasheet
811Kb / 11P
RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
A1321 ALLEGRO-A1321_11 Datasheet
501Kb / 13P
Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com