Electronic Components Datasheet Search
  English  ▼

X  

3517 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # 3517
Description  RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3517 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button 3517 Datasheet HTML 5Page - Allegro MicroSystems 3517 Datasheet HTML 6Page - Allegro MicroSystems 3517 Datasheet HTML 7Page - Allegro MicroSystems 3517 Datasheet HTML 8Page - Allegro MicroSystems 3517 Datasheet HTML 9Page - Allegro MicroSystems 3517 Datasheet HTML 10Page - Allegro MicroSystems 3517 Datasheet HTML 11Page - Allegro MicroSystems 3517 Datasheet HTML 12Page - Allegro MicroSystems 3517 Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
3517 AND 3518
RATIOMETRIC,
LINEAR HALL-EFFECT SENSORS
FOR HIGH-TEMP. OPERATION
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
12
HALL-EFFECT SENSORS
LINEAR HALL-EFFECT SENSORS
Partial
Equivalent
Part
Supply
Typical
Accuracy
Oper.
NumberVoltage (V)
Sensitivity
(see note 3)
Temp.
Packages
Comments
UGN3503
4.5 to 6
1.3 mV/G
—
S
LT, UA
A3515x
4.5 to 5.5
5 mV/G
<
±10 G
E, L
UA
chopper stabilized
A3516x
4.5 to 5.5
2.5 mV/G
<
±10 G
E, L
UA
chopper stabilized
A3517x
4.5 to 5.5
5 mV/G
<
±20 G
S, L
UA
chopper stabilized
A3518x
4.5 to 5.5
2.5 mV/G
<
±20 G
S, L
UA
chopper stabilized
Notes: 1) Typical data is at TA = +25°C and nominal operating voltage.
2) “x” = Operating Temperature Range [suffix letter or (prefix)]: S (UGN) = -20
°C to +85°C, E = -40°C to +85°C,
J = -40
°C to +115°C, K (UGS) = -40°C to +125°C, L (UGL) = -40°C to +150°C.
3) Linear Hall-effect equivalent accuracy is defined as
∆V
OQ over the operating temperature range,
divided by sensitivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com