Electronic Components Datasheet Search
  English  ▼

X  

3517 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3517
Description  RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3517 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3517 Datasheet HTML 1Page - Allegro MicroSystems 3517 Datasheet HTML 2Page - Allegro MicroSystems 3517 Datasheet HTML 3Page - Allegro MicroSystems 3517 Datasheet HTML 4Page - Allegro MicroSystems 3517 Datasheet HTML 5Page - Allegro MicroSystems 3517 Datasheet HTML 6Page - Allegro MicroSystems 3517 Datasheet HTML 7Page - Allegro MicroSystems 3517 Datasheet HTML 8Page - Allegro MicroSystems 3517 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
3517 AND 3518
RATIOMETRIC,
LINEAR HALL-EFFECT SENSORS
FOR HIGH-TEMP. OPERATION
www.allegromicro.com
3
ELECTRICAL CHARACTERISTICS over operating temperature range, at V
CC = 5 V (unless
otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
V
CC
Operating
4.5
5.0
5.5
V
Supply Current
I
CC
B = 0, V
CC = 6 V, IO = 0
–
7.2
12
mA
Quiescent
V
OQ
B = 0, I
O = 1 mA, TA = 25°C
2.2
2.5
2.8
V
Voltage Output
Output Voltage
V
OH
B = +X*, I
O = 1 mA
–
4.7
–
V
V
OL
B = -X*, I
O = -1 mA
–
0.2
–
V
Output
I
OLM
B = -X*, V
O = 0
-1.0
-1.5
–
mA
Source Current Limit
Bandwidth (-3 dB)
BW
–
30
–
kHz
Clock Frequency
f
C
–
170
–
kHz
Output Resistance
r
O
I
O ≤ -2 mA
–
1.0
–
Ω
Wide-Band
e
o
B = 0, BW = 10 Hz to 10 kHz,
–
400
–
µV
Output Noise (rms)
I
O ≤ -1 mA, CO = 100 pF
NOTE 1 – Typical data is at T
A = 25°C and is for design information only.
NOTE 2 – Negative current is defined as coming out of (sourcing) the output.
* This test requires positive and negative fields sufficient to swing the output driver between fully OFF and saturated (ON),
respectively. It is NOT intended to indicate a range of linear operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com