Electronic Components Datasheet Search
  English  ▼

X  

TLK111PT Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TLK111PT
Description  TLK111 PHYTER Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK111PT Datasheet(HTML) 79 Page - Texas Instruments

Back Button TLK111PT Datasheet HTML 75Page - Texas Instruments TLK111PT Datasheet HTML 76Page - Texas Instruments TLK111PT Datasheet HTML 77Page - Texas Instruments TLK111PT Datasheet HTML 78Page - Texas Instruments TLK111PT Datasheet HTML 79Page - Texas Instruments TLK111PT Datasheet HTML 80Page - Texas Instruments TLK111PT Datasheet HTML 81Page - Texas Instruments TLK111PT Datasheet HTML 82Page - Texas Instruments TLK111PT Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 109 page
background image
TLK111
www.ti.com
SLLSEF8A – AUGUST 2013 – REVISED NOVEMBER 2013
Table 8-44. Cable Diagnostic Specific Control Register (CDSCR), address 0x0170 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
13
Diagnostic TPTD
0,RW
TPTD Diagnostic Bypass
Bypass
1 = Bypass TPTD diagnostic. TDR on TPTD pair will not be executed.
0 = TDR is executed on TPTD pair
In bypass TPTD, results are available in TPRD slots.
12
Diagnostic TPRD
0,RO
TPRD Diagnostic Bypass
Bypass
1 = Bypass TPRD diagnostic. TDR on TPRD pair will not be executed.
0 = TDR is executed on TPRD pair
11
RESERVED
1,RW
RESERVED: Must be Set to 1.
10:8
Diagnostics Average
<110>,RW
Number Of TDR Cycles to Average:
Cycles
<000>: 1 TDR cycle
<001>: 2 TDR cycles
<010>: 4 TDR cycles
<011>: 8 TDR cycles
<100>: 16 TDR cycles
<101>: 32 TDR cycles
<110>: 64 TDR cycles (default)
<111>: Reserved
7:0
RESERVED
0,RO
RESERVED: Writes ignored, read as 0.
Table 8-45. Cable Diagnostic Specific Control Register 2 (CDSCR2), address 0x0171
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:4
RESERVED
<1100 1000 RESERVED: Ignore on read
0101>, RW
3:0
TDR pulse control
<1100>,
Configure expected self reflection in TDR
RW
Table 8-46. Cable Diagnostic Specific Control Register 3 (CDSCR3), address 0x0173
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
Cable length cfg
<1111
Configure duration of listening to detect long cable reflections
1111>, RW
7:0
RESERVED
<0001
RESERVED: Ignore on read
1110>, RW
Table 8-47. Cable Diagnostic Specific Control Register 4 (CDSCR4), address 0x0177
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:13
RESERVED
<000>, RW
RESERVED: Ignore on read
12:8
Short cables TH
<1 1000>,
TH to compensate for strong reflections in short cables
RW
7:0
RESERVED
<1001
RESERVED: Ignore on read
0110>, RW
8.13.3 Cable Diagnostic Location Results Register 1 (CDLRR1)
This register provides the peaks locations after execution of the TDR. The values of this register are valid
after reading 1 in Diagnostic Done bit 1 in register CDCR (0x1E).
Table 8-48. Cable Diagnostic Location Results Register 1 (CDLRR1), address 0x0180
BIT
NAME
DEFAULT
FUNCTION
15:8
TPTD Peak
<0000 0000>, RO
Location of the Second peak discovered by the TDR mechanism on Transmit Channel
Location 2
(TPTD). The value of these bits is translated into distance from the PHY
7:0
TPTD Peak
<0000 0000>, RO
Location of the First peak discovered by the TDR mechanism on Transmit Channel
Location 1
(TPTD). The value of these bits is translated into distance from the PHY
Copyright © 2013, Texas Instruments Incorporated
Register Block
79
Submit Documentation Feedback
Product Folder Links: TLK111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com