Electronic Components Datasheet Search
  English  ▼

X  

TLK111PT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLK111PT
Description  TLK111 PHYTER Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK111PT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLK111PT Datasheet HTML 4Page - Texas Instruments TLK111PT Datasheet HTML 5Page - Texas Instruments TLK111PT Datasheet HTML 6Page - Texas Instruments TLK111PT Datasheet HTML 7Page - Texas Instruments TLK111PT Datasheet HTML 8Page - Texas Instruments TLK111PT Datasheet HTML 9Page - Texas Instruments TLK111PT Datasheet HTML 10Page - Texas Instruments TLK111PT Datasheet HTML 11Page - Texas Instruments TLK111PT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 109 page
background image
TLK111
SLLSEF8A – AUGUST 2013 – REVISED NOVEMBER 2013
www.ti.com
3
Hardware Configuration
This section includes information on the various configuration options available with the TLK111. The
configuration options described below include:
•
Bootstrap Configuration
•
PHY Address
•
Power Supply Configuration
•
Software Strapping Mode
•
IO Pins Hi-Z State During Reset
•
LED Interface
•
Auto-Negotiation
•
Loopback Functionality
•
Auto-MDIX
•
BIST
•
MII Isolate mode
•
Cable Diagnostics
3.1
Bootstrap Configuration
Bootstrap configuration is a convenient way to configure the TLK111 into specific modes of operation.
Some of the functional pins are used as configuration inputs. The logic states of these pins are sampled
during reset and are used to configure the device into specific modes of operation. The table below
describes bootstrap configuration.
A 2.2k
Ω resistor is used for pull-down or pull-up to change the default configuration. If the default option is
desired, then there is no need for external pull-up or pull down resistors. Because these pins may have
alternate functions after reset is deasserted, they must not be connected directly to VCC or GND.
PIN
TYPE
NAME
NO.
DESCRIPTION
PHYAD0 (COL)
42
PHY Address [4:0]: The TLK111 provides five PHY address pins, the states of which are latched
PHYAD1 (RXD_0)
43
into an internal register at system hardware reset. The TLK111 supports PHY Address values 0
S, O, PD /
PHYAD2 (RXD_1)
44
(<00000>) through 31 (<11111>). PHYAD[4:1] pins have weak internal pull-down resistors, and
PU
PHYAD3 (RXD_2)
45
PHYAD[0] has weak internal pull-up resistor, setting the default PHYAD if no external resistors
PHYAD4 (RXD_3)
46
are connected.
Software Strapping Mode: The TLK111 provides a mechanism to extend the number of
configuration pins to allow wider system programmability of PHY functions. An external pull-down
will cause the device to enter SW Strapping Mode. In this mode the device will wake up after
Power-up or Reset in Power-Down mode, this will allow the system processor to access
SW_STRAP
21
I
dedicated Strapping Registers and configure modes of operation. An access to SW Strapping
Mode Release register must be done to take the device out of power-down mode. See
Section 3.8 for more details. An external pull-up resistor should be used to disable Software
Strapping Mode.
8
Hardware Configuration
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com