Electronic Components Datasheet Search
  English  ▼

X  

TLK111PT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLK111PT
Description  TLK111 PHYTER Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK111PT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLK111PT Datasheet HTML 12Page - Texas Instruments TLK111PT Datasheet HTML 13Page - Texas Instruments TLK111PT Datasheet HTML 14Page - Texas Instruments TLK111PT Datasheet HTML 15Page - Texas Instruments TLK111PT Datasheet HTML 16Page - Texas Instruments TLK111PT Datasheet HTML 17Page - Texas Instruments TLK111PT Datasheet HTML 18Page - Texas Instruments TLK111PT Datasheet HTML 19Page - Texas Instruments TLK111PT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 109 page
background image
470 W
470 W
470 W
2.2 kW
2.2 kW
2.2 kW
VCC
AN_EN = 1
AN_1 = 1
AN_0 = 1
B0315-01
TLK111
SLLSEF8A – AUGUST 2013 – REVISED NOVEMBER 2013
www.ti.com
3.9
LED Interface
The TLK111 supports three configurable Light Emitting Diode (LED) pins. The device supports three LED
configurations: Link, Speed, and Activity. Functions are multiplexed among the LEDs into three modes.
The LEDs can be controlled by configuration pin and-or internal register bits. Bits 6:5 of the PHY Control
register (PHYCR) selects the LED mode as described in Table 3-3.
Table 3-3. LED Mode Select
LED_CFG[1]
LED_CFG[0]
Mode
LED_LINK
LED_SPEED
LED_ACT
(bit 6)
(bit 5) or (pin 40)
ON for Good Link
ON in 100Mbs
ON Pulse for Activity
1
don't care
1
OFF for No Link
OFF in 10Mbs
OFF for No Activity
ON for Good Link
ON in 100Mbs
ON for Collision
2
0
0
BLINK for Activity
OFF in 10Mbs
OFF for No Collision
ON for Good Link
ON in 100Mbs
ON for Full Duplex
3
1
0
BLINK for Activity
OFF in 10Mbs
OFF for Half Duplex
The LED_LINK pin in Mode 1 indicates the link status of the port. The LED is OFF when no link is present.
In Mode 2 and Mode 3 it is ON to indicate that the link is good; BLINK indicates that activity is present on
either transmit or receive channel. Bits 10:9 of the LEDCR register (0x18) control the blink rate. The
default blink rate is 5Hz.
The LED_SPEED pin indicates the data rate of the port, 10Mbs or 100Mbs. This LED is ON when the
device is operating in 100Mbs operation. The functionality of this LED is independent of mode selected.
The LED_ACT pin in Mode 1 indicates the presence of either transmit or receive activity. The LED is ON
(Pulse) for Activity and OFF for No Activity. In mode 2 this pin indicates the collision status of the port. The
LED is ON when there is a collision and OFF when there is no collision. In mode 3 this pin indicates the
Duplex status of operation. The LED is ON for Full Duplex and OFF for Half Duplex.
Bits 8:6 of the LEDCR register define the polarity of the signals on the LED pins.
Because the Auto-Negotiation (AN) configuration options share the LED output pins, the external
components required for configuration-pin programming and those for LED usage must be considered in
order to avoid contention.
See Figure 3-6 for an example of AN_0, AN_1, AN_EN connections to external components. In this
example, the configuration results in Auto-Negotiation with 10/100 Full-Duplex advertised.
Figure 3-6. AN Pin Configuration and LED Loading Example
16
Hardware Configuration
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com