Electronic Components Datasheet Search
  English  ▼

X  

3933 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # 3933
Description  THREE-PHASE POWER MOSFET CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3933 Datasheet(HTML) 5 Page - Allegro MicroSystems

  3933 Datasheet HTML 1Page - Allegro MicroSystems 3933 Datasheet HTML 2Page - Allegro MicroSystems 3933 Datasheet HTML 3Page - Allegro MicroSystems 3933 Datasheet HTML 4Page - Allegro MicroSystems 3933 Datasheet HTML 5Page - Allegro MicroSystems 3933 Datasheet HTML 6Page - Allegro MicroSystems 3933 Datasheet HTML 7Page - Allegro MicroSystems 3933 Datasheet HTML 8Page - Allegro MicroSystems 3933 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3933
THREE-PHASE POWER
MOSFET CONTROLLER
www.allegromicro.com
Terminal
Name
1
PGND
2
RESET
3GLC
4SC
5
GHC
6CC
7GLB
8SB
9
GHB
10
CB
11
GLA
12
SA
13
GHA
14
CA
15
V
CCOUT
16
LCAP
17
FAULT
18
MODE
19
VBB
20
H1
21
H3
22
H2
23
DIR
24
BRAKE
25
BRKCAP
26
BRKSEL
27
PWM
28
RC
29
SENSE
30
REF
31
DEAD
32
AGND
RESET — A logic input used to enable the device, internally
pulled up to V
LCAP (+5 V). A logic HIGH will disable the
device and force all gate drivers to 0 V, coasting the motor. A
logic LOW allows the gate drive to follow commutation logic.
This input overrides BRAKE.
GLA/GLB/GLC — Low-side, gate-drive outputs for external
NMOS drivers. External series-gate resistors (as close as
possible to the NMOS gate) can be used to control the slew rate
seen at the power-driver gate, thereby controlling the di/dt and
dv/dt of the SA/SB/SC outputs. Each output is designed and
specified to drive a 1000 pF load with a rise time of 50 ns.
SA/SB/SC — Directly connected to the motor, these terminals
sense the voltages switched across the load. These terminals
are also connected to the negative side of the bootstrap capaci-
tors and are the negative supply connections for the floating
high-side drive.
GHA/GHB/GHC — High-side, gate-drive outputs for external
NMOS drivers. External series-gate resistors (as close as
possible to the NMOS gate) can be used to control the slew rate
seen at the power-driver gate, thereby controlling the di/dt and
dv/dt of the SA/SB/SC outputs. Each output is designed and
specified to drive a 1000 pF load with a rise time of 100 ns.
CA/CB/CC — High-side connections for the bootstrap capaci-
tors, positive supply for high-side gate drive. The bootstrap
capacitor is charged to approximately VCCOUT when the
associated output SA/SB/SC terminal is low. When the output
swings high, the voltage on this terminal rises with the output to
provide the boosted gate voltage needed for n-channel power
FETs.
Terminal Descriptions
continued next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com