Electronic Components Datasheet Search
  English  ▼

X  

3933 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3933
Description  THREE-PHASE POWER MOSFET CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3933 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3933 Datasheet HTML 1Page - Allegro MicroSystems 3933 Datasheet HTML 2Page - Allegro MicroSystems 3933 Datasheet HTML 3Page - Allegro MicroSystems 3933 Datasheet HTML 4Page - Allegro MicroSystems 3933 Datasheet HTML 5Page - Allegro MicroSystems 3933 Datasheet HTML 6Page - Allegro MicroSystems 3933 Datasheet HTML 7Page - Allegro MicroSystems 3933 Datasheet HTML 8Page - Allegro MicroSystems 3933 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
3933
THREE-PHASE POWER
MOSFET CONTROLLER
ELECTRICAL SPECIFICATIONS at TA = 25
°C, V
BB = VCCOUT = 12 V, Cload = 0.001
µF, C
boot = 0.047
µF
(unless noted otherwise), continued.
Limits
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Bootstrap Capacitor
Bootstrap Charge Current
ICx
50
100
150
mA
Bootstrap Output Voltage
VCx
Reference Sx
9.5
10.5
11.5
V
Leakage Current
ICx
High side switched high, Sx = VBB
–15
20
µA
Current Limit
Offset Voltage
Vio
–0
±5.0
mV
Input bias current
ISENSE
–
–
-1.0
µA
RC Charge Current
IRC
850
945
1040
µA
RC Voltage Threshold
VRCL
1.0
1.1
1.2
V
VRCH
2.7
3.0
3.2
V
PWM frequency Range
fPWM
Operating
20
–
100
kHz
Protection Circuitry
Undervoltage Threshold
UVLO
Increasing VBB
9.7
10.2
10.7
V
Decreasing VBB
9.35
–
10.35
V
Boot-Strap Capacitor Volt.
VCxSx
VBB = 12 V
9.5
–
–
V
High-Side Gate-Source Volt.
VGHxSx
–6.3
–
V
Fault Output Voltage
VFAULT
IO = 1 mA
–
–
0.8
V
Brake Function
Brake Cap. Supply Current
IBRKCAP
VBB = 8 V, BRKSEL ≥ 2 V
–
30
–
µA
Low-Side Gate Voltage
VGLxH
VBB = 0, BRKCAP = 8 V
–
6.6
–
V
NOTES: 1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com