Electronic Components Datasheet Search
  English  ▼

X  

3933 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3933
Description  THREE-PHASE POWER MOSFET CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3933 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3933 Datasheet HTML 1Page - Allegro MicroSystems 3933 Datasheet HTML 2Page - Allegro MicroSystems 3933 Datasheet HTML 3Page - Allegro MicroSystems 3933 Datasheet HTML 4Page - Allegro MicroSystems 3933 Datasheet HTML 5Page - Allegro MicroSystems 3933 Datasheet HTML 6Page - Allegro MicroSystems 3933 Datasheet HTML 7Page - Allegro MicroSystems 3933 Datasheet HTML 8Page - Allegro MicroSystems 3933 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
5
6
7
8
9
10
GHC
26
27
28
29
19
24
25
SENSE
22
23
21
Dwg. PP-068
11
12
13
CC
GLB
SB
GHB
CB
GLA
SA
GHA
RC
PWM
BRKSEL
BRKCAP
BRAKE
DIR
H2
H3
The A3933SEQ is a three-phase MOSFET controller for use with
bipolar brushless dc motors. It drives all n-channel external power
FETs, allowing system cost savings and minimizing
r(DS)on power loss.
The high-side drive block is implemented with bootstrap capacitors at
each output to provide the floating positive supply for the gate drive.
The high-side circuitry also employs a unique “intelligent” FET
monitoring circuit that ensures the gate voltages are at the proper levels
before turn-on and during the ON cycle. This device is targeted for
applications with motor supplies from 12 V to 28 V.
Internal fixed off-time PWM current-control circuitry can be used to
regulate the maximum load current to a desired value. The peak load-
current limit is set by the user’s selection of an input reference voltage
and external sensing resistor. The fixed off-time pulse duration is set
by a user-selected external RC timing network.
A power-loss braking circuit brakes the motor on an under-voltage
condition. The device is configured to either coast or dynamically
brake the motor when this occurs.
The A3933SEQ is supplied in a 32-lead rectangular (9 x 7) plastic
chip carrier (quad pack) for minimum-area, surface-mount applica-
tions.
3933
FEATURES AND BENEFITS
I Drives External N-Channel FETs
I Intelligent High-Side Gate Drive
I Selectable Coast or Dynamic Brake on Power Down
I Adjustable Dead Time for Cross-Conduction Protection
I Selectable Fast or Slow Current-Decay Modes
I Internal PWM Peak Current Control
I Reset/Coast Input
I 120° Hall Commutation with Internal Pullup
I Internal 5-V Regulator
I Low-Side Synchronous Rectification
I Direction Control
I PWM Speed-Control Input
I Fault-Diagnostic Output
I Under-Voltage Protection
THREE-PHASE POWER
MOSFET CONTROLLER
ABSOLUTE MAXIMUM RATINGS
at TA = 25
°C
Supply Voltage, VBB ............................. 28 V
(peak) .............................................. 30 V
Terminal Voltage, VCCOUT ................. 13.2 V
(peak) .............................................. 15 V
Logic Input Voltage Range,
VIN .................. -0.3 V to VLCAP + 0.3 V
Sense Voltage Range,
VSENSE ............................. -5 V to VLCAP
Output Voltage Range,
VSA, VSB, VSC .................. -5 V to +30 V
VGHA, VGHB, VGHC . -5 V to VBB + 14 V
VCA, VCB, VCC ..................... VSX + 14 V
Operating Temperature Range,
TA ................................. -20
°C to +85°C
Junction Temperature, TJ ................. +150
°C
Storage Temperature Range,
TS ............................... -55
°C to +150°C


Similar Part No. - 3933

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
393 ETC2-393 Datasheet
1Mb / 2P
Resistance measurement
logo
Energizer
393 ENERGIZER-393 Datasheet
332Kb / 1P
Silver Oxide Batteries
logo
B&K Precision Corporati...
393 BK-393 Datasheet
1Mb / 2P
Handheld Digital Multimeters
logo
List of Unclassifed Man...
393 ETC-393 Datasheet
18Kb / 1P
EXALITE 392E
logo
Everlight Electronics C...
393-2SURD EVERLIGHT-393-2SURD Datasheet
96Kb / 6P
7.9mm Round Type LED Lamps
More results

Similar Description - 3933

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3932 ALLEGRO-3932 Datasheet
67Kb / 8P
THREE PHASE POWER MOSFET CONTROLLER
03/02/99
A3938SEQ ALLEGRO-A3938SEQ Datasheet
399Kb / 11P
Three-Phase Power MOSFET Controller
3932 ALLEGRO-3932_03 Datasheet
277Kb / 13P
THREE-PHASE POWER MOSFET CONTROLLER
3935 ALLEGRO-3935_03 Datasheet
299Kb / 15P
THREE-PHASE POWER MOSFET CONTROLLER
A3932 ALLEGRO-A3932 Datasheet
365Kb / 12P
Three-Phase Power MOSFET Controller
A3938 ALLEGRO-A3938 Datasheet
370Kb / 11P
Three-Phase Power MOSFET Controller
A3932 ALLEGRO-A3932_13 Datasheet
364Kb / 12P
Three-Phase Power MOSFET Controller
A3932SLD-T ALLEGRO-A3932SLD-T Datasheet
364Kb / 12P
Three-Phase Power MOSFET Controller
A3938SLDTR ALLEGRO-A3938SLDTR Datasheet
369Kb / 11P
Three-Phase Power MOSFET Controller
A3938 ALLEGRO-A3938_16 Datasheet
369Kb / 11P
Three-Phase Power MOSFET Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com