Electronic Components Datasheet Search
  English  ▼

X  

A3951SW Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A3951SW
Description  FULL-BRIDGE PWM MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3951SW Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A3951SW Datasheet HTML 3Page - Allegro MicroSystems A3951SW Datasheet HTML 4Page - Allegro MicroSystems A3951SW Datasheet HTML 5Page - Allegro MicroSystems A3951SW Datasheet HTML 6Page - Allegro MicroSystems A3951SW Datasheet HTML 7Page - Allegro MicroSystems A3951SW Datasheet HTML 8Page - Allegro MicroSystems A3951SW Datasheet HTML 9Page - Allegro MicroSystems A3951SW Datasheet HTML 10Page - Allegro MicroSystems A3951SW Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3951
FULL-BRIDGE
PWM MOTOR DRIVER
7
www.allegromicro.com
ENABLE
LOAD
CURRENT
I
TRIP
Dwg. WP-015-4
Dwg. EP-006-10
R S
BB
V
DRIVE CURRENT
RECIRCULATION
Figure 3 — Load-Current Paths
ENABLE Pulse-Width Modulation
Toggling the ENABLE input turns on and off the
selected source and sink drivers; the load inductance
causes the current to flow from ground to the load supply
via the ground clamp and flyback diodes (four-quadrant
operation or fast decay). See figure 3. When the device is
enabled, the internal current-control circuitry will be active
and can be used to limit the load current in the normal
internal PWM slow-decay or two-quadrant mode of opera-
tion.
Figure 4 — ENABLE PWM Load-Current Waveform
PHASE Pulse-Width Modulation
Toggling the PHASE terminal determines/controls
which sink/source pair is enabled, producing a load current
that varies with the duty cycle and remains continuous at
all times. This can have added benefits in bidirectional
brush dc servo motor applications as the transfer function
between the duty cycle on the phase input and the aver-
age voltage applied to the motor is more linear than in the
case of ENABLE PWM control (which produces a discon-
tinuous current at low current levels). See also, “DC Motor
Applications” below.
MISCELLANEOUS INFORMATION
An internally generated dead time prevents crossover
currents that can occur when switching phase or braking.
Thermal protection circuitry turns off all drivers should
the junction temperature reach 165
°C (typical). This is
intended only to protect the device from failures due to
excessive junction temperatures and should not imply that
output short circuits are permitted. The hysteresis of the
thermal shutdown circuit is approximately 15
°C.
If the internal current-control circuitry is not used; the
V
REF terminal should be connected to VCC, the SENSE
terminal should be connected to ground, and the RC
terminal should be left floating (no connection).
An internal under-voltage lockout circuit prevents
simultaneous conduction of the outputs when the device is
powered up or powered down.
APPLICATIONS NOTES
Current Sensing
The actual peak load current (I
OUTP) will be greater
than the calculated value of I
TRIP due to delays in the turn
off of the drivers. The amount of overshoot can be ap-
proximated as
I
OUTP ≈
(V
BB – ((ITRIP • RLOAD) + VBEMF)) • tpd(pwm)
L
LOAD
where V
BB is the load/motor supply voltage, VBEMF is the
back-EMF voltage of the load, R
LOAD and LLOAD are the
resistance and inductance of the load respectively, and
t
pd(pwm) is the propagation delay as specified in the electrical
characteristics table.
The reference terminal has an equivalent input resis-
tance of 50 k
Ω ±30%. This should be taken into account
when determining the impedance of the external circuit
that sets the reference voltage value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com