Electronic Components Datasheet Search
  English  ▼

X  

A3951SW Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A3951SW
Description  FULL-BRIDGE PWM MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3951SW Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A3951SW Datasheet HTML 4Page - Allegro MicroSystems A3951SW Datasheet HTML 5Page - Allegro MicroSystems A3951SW Datasheet HTML 6Page - Allegro MicroSystems A3951SW Datasheet HTML 7Page - Allegro MicroSystems A3951SW Datasheet HTML 8Page - Allegro MicroSystems A3951SW Datasheet HTML 9Page - Allegro MicroSystems A3951SW Datasheet HTML 10Page - Allegro MicroSystems A3951SW Datasheet HTML 11Page - Allegro MicroSystems A3951SW Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
3951
FULL-BRIDGE
PWM MOTOR DRIVER
11
www.allegromicro.com
NOTES: 1. Lead thickness is measured at seating plane or below.
2. Lead spacing tolerance is non-cumulative.
3. Exact body and lead configuration at vendor’s option within limits shown.
4. Lead gauge plane is 0.030” (0.762 mm) below seating plane.
A3951SW
Dimensions in Inches
(controlling dimensions)
Dwg. MP-007 mm
32.00
31.49
19.69
19.45
0.51
3.94
3.68
ø
4.57
MAX
1.40
1.14
3.43
2.54
7.36 MIN
2.03
1.77
9.27
2.54
±0.254
0.76
0.51
1.65
0.89
1
0.59
0.45
3.56
14.48
13.71
6.22
5.71
12
INDEX
AREA
Dwg. MP-007 in
1.260
1.240
0.775
0.765
0.020
0.155
0.145
ø
0.180
MAX
0.055
0.045
0.135
0.100
0.290 MIN
0.080
0.070
0.365
0.100
±0.010
0.030
0.020
0.065
0.035
1
0.023
0.018
0.140
0.570
0.540
0.245
0.225
12
INDEX
AREA
Dimensions in Millimeters
(for reference only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com