Electronic Components Datasheet Search
  English  ▼

X  

A3951SW Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A3951SW
Description  FULL-BRIDGE PWM MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3951SW Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A3951SW Datasheet HTML 4Page - Allegro MicroSystems A3951SW Datasheet HTML 5Page - Allegro MicroSystems A3951SW Datasheet HTML 6Page - Allegro MicroSystems A3951SW Datasheet HTML 7Page - Allegro MicroSystems A3951SW Datasheet HTML 8Page - Allegro MicroSystems A3951SW Datasheet HTML 9Page - Allegro MicroSystems A3951SW Datasheet HTML 10Page - Allegro MicroSystems A3951SW Datasheet HTML 11Page - Allegro MicroSystems A3951SW Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
3951
FULL-BRIDGE
PWM MOTOR DRIVER
9
www.allegromicro.com
Typical Bipolar Stepper Motor Application
For both cases, care must be taken to ensure that the
maximum current ratings of the device are not exceeded.
The load current will limit at a value
I
LOAD = VREF/(10•RS).
CAUTION: When the direction of the motor is changed
abruptly, the kinetic energy stored in the motor and load
inertia will be converted into current that charges the V
BB
supply bulk capacitance (power supply output and
decoupling capacitance). Care must be taken to ensure
the capacitance is sufficient to absorb the energy without
exceeding the voltage rating of any devices connected to
the motor supply.
See also, the section on brake operation under
“Functional Description”, above.
Stepper Motor Applications
The A3951SB and A3951SW may be used for
bidrectional control of bipolar stepper motors with continu-
ous output currents to 2 A and peak start-up currents as
high as 3.5 A.
Typical DC Servo Motor Application
+
V
BB
Dwg. EP-048-1
ENABLE 2
PHASE2
V
REF2
ENABLE 1
PHASE1
V
REF1
47
µF
+5 V
0.5
Ω
25 k
Ω
820 pF
VCC
VBB
LOGIC
VCC
VBB
LOGIC
47
µF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
V
CC
VBB
VBB
LOGIC
Dwg. EP-047-1
V
BB
PHASE
ENABLE
+5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com