Electronic Components Datasheet Search
  English  ▼

X  

A32100 Datasheet(PDF) 22 Page - Actel Corporation

Part # A32100
Description  Highly Predictable Performance with 100% Automatic Placement and Routing
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100 Datasheet(HTML) 22 Page - Actel Corporation

Back Button A32100 Datasheet HTML 18Page - Actel Corporation A32100 Datasheet HTML 19Page - Actel Corporation A32100 Datasheet HTML 20Page - Actel Corporation A32100 Datasheet HTML 21Page - Actel Corporation A32100 Datasheet HTML 22Page - Actel Corporation A32100 Datasheet HTML 23Page - Actel Corporation A32100 Datasheet HTML 24Page - Actel Corporation A32100 Datasheet HTML 25Page - Actel Corporation A32100 Datasheet HTML 26Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 98 page
background image
22
De co de M odu l e Ti m i n g
S RAM Ti mi n g Ch ar ac t e r i st i c s
A–G, H
Y
tPLH
50%
VCC
VCC
tPHL
Y
A
B
C
D
E
F
G
H
WRAD [5:0]
BLKEN
WEN
WCLK
RDAD [5:0]
LEW
REN
RCLK
RD [7:0]
WD [7:0]
Write Port
Read Port
RAM Array
32x8 or 64x4
(256 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com