Electronic Components Datasheet Search
  English  ▼

X  

A32100 Datasheet(PDF) 45 Page - Actel Corporation

Part # A32100
Description  Highly Predictable Performance with 100% Automatic Placement and Routing
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100 Datasheet(HTML) 45 Page - Actel Corporation

Back Button A32100 Datasheet HTML 41Page - Actel Corporation A32100 Datasheet HTML 42Page - Actel Corporation A32100 Datasheet HTML 43Page - Actel Corporation A32100 Datasheet HTML 44Page - Actel Corporation A32100 Datasheet HTML 45Page - Actel Corporation A32100 Datasheet HTML 46Page - Actel Corporation A32100 Datasheet HTML 47Page - Actel Corporation A32100 Datasheet HTML 48Page - Actel Corporation A32100 Datasheet HTML 49Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 98 page
background image
45
Hi R e l F P GA s
A1 41 00 A Ti m i ng Cha r act e r i s t i cs (continued)
(W or s t - C as e M i l i t a r y Cond i t i o n s , V CC = 4.5 V, TJ = 1 25°C)
‘–1’ Speed
‘Std’ Speed
Parameter
Description
Min.
Max.
Min.
Max.
Units
I/O Module Sequential Timing
tINH
Input F-F Data Hold
(w.r.t. IOCLK Pad)
0.0
0.0
ns
tINSU
Input F-F Data Setup
(w.r.t. IOCLK Pad)
2.1
2.4
ns
tIDEH
Input Data Enable Hold
(w.r.t. IOCLK Pad)
0.0
0.0
ns
tIDESU
Input Data Enable Setup
(w.r.t. IOCLK Pad)
8.7
10.0
ns
tOUTH
Output F-F Data Hold
(w.r.t. IOCLK Pad)
1.2
1.2
ns
tOUTSU
Output F-F Data Setup
(w.r.t. IOCLK Pad)
1.2
1.2
ns
tODEH
Output Data Enable Hold
(w.r.t. IOCLK Pad)
0.6
0.6
ns
tODESU
Output Data Enable Setup
(w.r.t. IOCLK Pad)
2.4
2.4
ns
TTL Output Module Timing1
tDHS
Data to Pad, High Slew
7.5
8.9
ns
tDLS
Data to Pad, Low Slew
11.9
14.0
ns
tENZHS
Enable to Pad, Z to H/L, High Slew
6.0
7.0
ns
tENZLS
Enable to Pad, Z to H/L, Low Slew
10.9
12.8
ns
tENHSZ
Enable to Pad, H/L to Z, High Slew
11.9
14.0
ns
tENLSZ
Enable to Pad, H/L to Z, Low Slew
10.9
12.8
ns
tCKHS
IOCLK Pad to Pad H/L, High Slew
12.2
14.0
ns
tCKLS
IOCLK Pad to Pad H/L, Low Slew
17.8
17.8
ns
dTLHHS
Delta Low to High, High Slew
0.04
0.04
ns/pF
dTLHLS
Delta Low to High, Low Slew
0.07
0.08
ns/pF
dTHLHS
Delta High to Low, High Slew
0.05
0.06
ns/pF
dTHLLS
Delta High to Low, Low Slew
0.07
0.08
ns/pF
Note:
1.
Delays based on 35 pF loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com