Electronic Components Datasheet Search
  English  ▼

X  

A32100 Datasheet(PDF) 28 Page - Actel Corporation

Part # A32100
Description  Highly Predictable Performance with 100% Automatic Placement and Routing
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100 Datasheet(HTML) 28 Page - Actel Corporation

Back Button A32100 Datasheet HTML 24Page - Actel Corporation A32100 Datasheet HTML 25Page - Actel Corporation A32100 Datasheet HTML 26Page - Actel Corporation A32100 Datasheet HTML 27Page - Actel Corporation A32100 Datasheet HTML 28Page - Actel Corporation A32100 Datasheet HTML 29Page - Actel Corporation A32100 Datasheet HTML 30Page - Actel Corporation A32100 Datasheet HTML 31Page - Actel Corporation A32100 Datasheet HTML 32Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 98 page
background image
28
A1 24 0A T i m i n g C har a c t e r i st i c s (continued)
(W or s t - C as e M i l i t a r y Cond i t i o n s , V CC = 4.5 V, TJ = 1 25°C)
‘–1’ Speed
‘Std’ Speed
Parameter
Description
Min.
Max.
Min.
Max.
Units
Input Module Propagation Delays
tINYH
Pad to Y High
4.0
4.7
ns
tINYL
Pad to Y Low
3.6
4.3
ns
tINGH
G to Y High
6.9
8.1
ns
tINGL
G to Y Low
6.6
7.7
ns
Input Module Predicted Routing Delays1
tIRD1
FO=1 Routing Delay
5.8
6.9
ns
tIRD2
FO=2 Routing Delay
6.7
7.8
ns
tIRD3
FO=3 Routing Delay
7.5
8.8
ns
tIRD4
FO=4 Routing Delay
8.2
9.7
ns
tIRD8
FO=8 Routing Delay
10.9
12.9
ns
Global Clock Network
tCKH
Input Low to High
FO = 32
FO = 256
13.3
16.3
15.7
19.2
ns
tCKL
Input High to Low
FO = 32
FO = 256
13.3
16.5
15.7
19.5
ns
tPWH
Minimum Pulse Width High
FO = 32
FO = 256
5.7
6.0
6.7
7.1
ns
tPWL
Minimum Pulse Width Low
FO = 32
FO = 256
5.7
6.0
6.7
7.1
ns
tCKSW
Maximum Skew
FO = 32
FO = 256
0.6
3.1
0.6
3.1
ns
tSUEXT
Input Latch External Setup
FO = 32
FO = 256
0.0
0.0
0.0
0.0
ns
tHEXT
Input Latch External Hold
FO = 32
FO = 256
8.6
13.8
8.6
13.8
ns
tP
Minimum Period
FO = 32
FO = 256
11.5
12.2
13.5
14.3
ns
fMAX
Maximum Frequency
FO = 32
FO = 256
87
82
74
70
MHz
Note:
1.
Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating device
performance. Post-route timing analysis or simulation is required to determine actual worst-case performance. Post-route timing is
based on actual routing delay measurements performed on the device prior to shipment. Optimization techniques may further reduce
delays by 0 to 4 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com