Electronic Components Datasheet Search
  English  ▼

X  

3961 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3961
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3961 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3961 Datasheet HTML 1Page - Allegro MicroSystems 3961 Datasheet HTML 2Page - Allegro MicroSystems 3961 Datasheet HTML 3Page - Allegro MicroSystems 3961 Datasheet HTML 4Page - Allegro MicroSystems 3961 Datasheet HTML 5Page - Allegro MicroSystems 3961 Datasheet HTML 6Page - Allegro MicroSystems 3961 Datasheet HTML 7Page - Allegro MicroSystems 3961 Datasheet HTML 8Page - Allegro MicroSystems 3961 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
3961
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
DISCONTINUED
PRODUCT
—
FOR
REFERENCE
ONL
Y
E
SENSE
V
GROUND
GROUND
GROUND
REF
V
RC
GROUND
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
16
15
1
1
BB1
OUT
1
OUT1B
OUT2B
SENSE
OUT2A
V
FULL/PD
I
RC
2
BB2
2
PHASE
ENABLE
11
12
1
1
14
13
PHASE
ENABLE
2
2
REF
V
IN
OUT1A
E 2
V
CC
Designed for pulse-width modulated (PWM) current control of
bipolar stepper motors, the A3961S— is capable of continuous output
currents to
±800 mA and operating voltages to 45 V. Internal fixed
off-time PWM current-control circuitry can be used to regulate the
maximum load current to a desired value. An internal precision voltage
reference is provided to improve motor peak current control accuracy.
The peak load current limit is set by the user’s selection of an external
resistor divider and current-sensing resistors.
The fixed off-time pulse duration is set by user-selected external
RC timing networks. The capacitor in the RC timing network also
determines a user-selectable blanking window that prevents false
triggering of the PWM current control circuitry during switching transi-
tions. This eliminates the need for two external RC filter networks on
the current-sensing comparator inputs.
For each bridge the PHASE input controls load current polarity by
selecting the appropriate source and sink driver pair. For each bridge
the ENABLE input, when held high, disables the output drivers. Special
power-up sequencing is not required. Internal circuit protection includes
thermal shutdown with hysteresis, transient-suppression diodes, and
crossover-current protection.
The A3961S— is supplied in a choice of two power packages:
24-pin dual-in-line plastic package with copper heat-sink tabs and
24-lead plastic SOIC with copper heat-sink tabs. In both packages the
power tab is at ground potential and needs no electrical isolation.
FEATURES
s
±800 mA Continuous Output Current Rating
s 45 V Output Voltage Rating
s Internal PWM Current Control, Saturated Sink Drivers
s Internally Generated Precision 2.5 V Reference
s Internal Transient-Suppression Diodes
s Internal Thermal-Shutdown Circuitry
s Crossover-Current Protection, UVLO Protection
PART NUMBER
PACKAGE
RθJA
RθJT
A3961SB
24-Pin DIP
40
°C/W
6
°C/W
A3961SLB
24-Lead SOIC
55
°C/W
6
°C/W
Always order by complete part number:
DUAL FULL-BRIDGE PWM MOTOR DRIVER
Note the A3961SB (DIP) and the A3961SLB
(SOIC) are electrically identical and share a
common terminal number assignment.
ABSOLUTE MAXIMUM RATINGS
Load Supply Voltage, VBB . . . . . . . . . . 45 V
Output Current, IOUT . . . . . . . . . .
±800 mA*
Logic Supply Voltage, VCC . . . . . . . . . 7.0 V
Logic Input Voltage Range,
VIN . . . . . . . . . . . -0.3 V to VCC + 0.3 V
Sense Voltage, VSENSE . . . . . . . . . . . . 1.0 V
Reference Output Current,
IREF OUT . . . . . . . . . . . . . . . . . . . 1.0 mA
Package Power Dissipation,
PD . . . . . . . . . . . . . . . . . . . . See Graph
Operating Temperature Range,
TA . . . . . . . . . . . . . . . . . -20˚C to +85˚C
Junction Temperature, TJ . . . . . . . +150˚C†
Storage Temperature Range,
TS . . . . . . . . . . . . . . . . -55˚C to +150˚C
* Output current rating may be limited by duty
cycle, ambient temperature, and heat sinking.
Under any set of conditions, do not exceed the
specified current rating or a junction tempera-
ture of 150˚C.
† Fault conditions that produce excessive
junction temperature will activate device
thermal shutdown circuitry. These conditions
can be tolerated but should be avoided.
3961


Similar Part No. - 3961

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3961 ADAFRUIT-3961 Datasheet
158Kb / 2P
Conductive Nylon Fabric Tape - 5mm Wide x 10 meters long
10-29-18
logo
Littelfuse
39611000000 LITTELFUSE-39611000000 Datasheet
190Kb / 3P
396 Series, TE5, Time-Lag Fuse
39611000440 LITTELFUSE-39611000440 Datasheet
190Kb / 3P
396 Series, TE5, Time-Lag Fuse
39611250000 LITTELFUSE-39611250000 Datasheet
190Kb / 3P
396 Series, TE5, Time-Lag Fuse
39611250440 LITTELFUSE-39611250440 Datasheet
190Kb / 3P
396 Series, TE5, Time-Lag Fuse
More results

Similar Description - 3961

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
logo
Texas Instruments
DRV8412 TI-DRV8412 Datasheet
1Mb / 28P
Dual Full Bridge PWM Motor Driver
logo
Allegro MicroSystems
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com