Electronic Components Datasheet Search
  English  ▼

X  

3961 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3961
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3961 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3961 Datasheet HTML 1Page - Allegro MicroSystems 3961 Datasheet HTML 2Page - Allegro MicroSystems 3961 Datasheet HTML 3Page - Allegro MicroSystems 3961 Datasheet HTML 4Page - Allegro MicroSystems 3961 Datasheet HTML 5Page - Allegro MicroSystems 3961 Datasheet HTML 6Page - Allegro MicroSystems 3961 Datasheet HTML 7Page - Allegro MicroSystems 3961 Datasheet HTML 8Page - Allegro MicroSystems 3961 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3961
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 45 V, VCC = 4.75 V to 5.25 V, VSENSE = 0
V, 30 kW & 1000 pF RC to Ground (unless noted otherwise) (cont.)
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Reference Output Current
IREF OUT
3 k
Ω ≤ R
D = R1 + R2 ≤ 15 kΩ
90
—
900
µA
Ref. Input Offset Current
IOS
VREF IN = 1 V
-2.5
0
1.0
µA
Comparator Input Offset Volt.
VIO
VREF = 0 V
-5.0
0
5.0
mV
Comparator Input Volt. Range
VREF
Operating
-0.3
—
1.0
V
PWM RC Fixed Off-time
tOFF RC
CT = 1000 pF, RT = 30 kΩ
27
30
33
µs
PWM Propagation Delay Time
tPWM
Comparator Trip to Source OFF
—
1.2
2.0
µs
PWM Minimum On Time
tON(min)
CT = 1000 pF ± 5%, RT ≥ 15 kΩ, VCC = 5 V
—
2.5
3.6
µs
Propagation Delay Times
tpd
IOUT = ±800 mA, 50% to 90%:
ENABLE ON to Source ON
—
3.2
—
µs
ENABLE OFF to Source OFF
—
1.2
—
µs
ENABLE ON to Sink ON
—
3.2
—
µs
ENABLE OFF to Sink OFF
—
0.7
—
µs
PHASE Change to Sink ON
—
3.2
—
µs
PHASE Change to Source ON
—
3.2
—
µs
PHASE Change to Sink OFF
—
0.7
—
µs
PHASE Change to Source OFF
—
1.2
—
µs
Thermal Shutdown Temp.
TJ
—
165
—
˚C
Thermal Shutdown Hysteresis
∆T
J
—15
—
˚C
UVLO Disable Threshold
2.5
2.7
2.9
V
UVLO Hysterisis
0.7
0.9
1.1
V
Logic Supply Current
ICC(ON)
VENABLE1 = VENABLE2 = 0.8 V
—
65
85
mA
ICC(OFF)
VENABLE1 = VENABLE2 = 2.4 V
—
11
15
Logic Supply Current
∆I
CC(ON)
VENABLE1 = VENABLE2 = 0.8 V
—
0.18
—
mA/˚C
Temperature Coefficient
Control Logic (Continued)
NOTES: 1. Typical Data is for design information only.
2. Negative current is defined as coming out of
(sourcing) the specified device terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com