Electronic Components Datasheet Search
  English  ▼

X  

3968 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3968
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER WITH BRAKE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3968 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3968 Datasheet HTML 1Page - Allegro MicroSystems 3968 Datasheet HTML 2Page - Allegro MicroSystems 3968 Datasheet HTML 3Page - Allegro MicroSystems 3968 Datasheet HTML 4Page - Allegro MicroSystems 3968 Datasheet HTML 5Page - Allegro MicroSystems 3968 Datasheet HTML 6Page - Allegro MicroSystems 3968 Datasheet HTML 7Page - Allegro MicroSystems 3968 Datasheet HTML 8Page - Allegro MicroSystems 3968 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
3968
DUAL FULL-BRIDGE PWM
MOTOR DRIVER WITH BRAKE
The A3968SA and A3968SLB are designed to bidirectionally control two
dc motors. Each device includes two H-bridges capable of continuous output
currents of
±650 mA and operating voltages to 30 V. Motor winding current
can be controlled by the internal fixed-frequency, pulse-width modulated
(PWM), current-control circuitry. The peak load current limit is set by the
user’s selection of a reference voltage and current-sensing resistors. Except
for package style and pinout, the two devices are identical.
The fixed-frequency pulse duration is set by a user-selected external
RC timing network. The capacitor in the RC timing network also determines
a user-selectable blanking window that prevents false triggering of the PWM
current-control circuitry during switching transitions.
To reduce on-chip power dissipation, the H-bridge power outputs have
been optimized for low saturation voltages. The sink drivers feature Allegro’s
patented Satlington™ output structure. The Satlington outputs combine the
low voltage drop of a saturated transistor and the high peak current capability
of a Darlington.
For each bridge, the INPUTA and INPUTB terminals determine the load
current polarity by enabling the appropriate source and sink driver pair.
When a logic low is applied to both INPUTs of a bridge, the braking function
is enabled. In brake mode, both source drivers are turned OFF and both sink
drivers are turned ON, thereby dynamically braking the motor. When a logic
high is applied to both INPUTs of a bridge, all output drivers are disabled.
Special power-up sequencing is not required. Internal circuit protection
includes thermal shutdown with hysteresis, ground-clamp and flyback diodes,
and crossover-current protection.
The A3968SA is supplied in a 16-pin dual in-line plastic package. The
A3968SLB is supplied in a 16-lead plastic SOIC with copper heat sink tabs.
The power tab is at ground potential and needs no electrical isolation.
A3968SLB
LOGIC
LOGIC
OUT1B
1
2
3
14
15
16
GROUND
Dwg. PP-066
6
710
11
89
GROUND
OUT1A
INPUT1A
OUT2A
RC
SENSE 1
INPUT1B
4
5
LOAD
SUPPLY
REFERENCE
INPUT2A
INPUT2B
SENSE 2
OUT 2B
LOGIC
SUPPLY
RC
V
REF
13
12
V
BB
V
CC
V
BB
Always order by complete part number:
Part Number
Package
RθJA
RθJC
RθJT
A3968SA
16-pin DIP
60
°C/W
38
°C/W
—
A3968SLB
16-lead batwing SOIC
67
°C/W
—
6
°C/W
FEATURES
s
±650 mA Continuous Output Current
s 30 V Output Voltage Rating
s Internal Fixed-Frequency PWM Current Control
s Satlington™ Sink Drivers
s Brake Mode
s User-Selectable Blanking Window
s Internal Ground-Clamp & Flyback Diodes
s Internal Thermal-Shutdown Circuitry
s Crossover-Current Protection and UVLO Protection
ADVANCE INFORMATION
(subject to change without notice)
September 3, 1999
ABSOLUTE MAXIMUM RATINGS
Load Supply Voltage, VBB ................... 30 V
Output Current, IOUT (peak) .......... ±750 mA
(continuous) ..............................
±650 mA
Logic Supply Voltage, VCC ................. 7.0 V
Input Voltage, Vin ..... -0.3 V to VCC + 0.3 V
Sense Voltage, VS................................ 1.0 V
Package Power Dissipation (TA = 25°C), PD
A3968SA ................................... 2.08 W*
A3968SLB ................................. 1.87 W*
Operating Temperature Range,
TA ................................... -20°C to +85°C
Junction Temperature,
TJ ................................................. +150°C
Storage Temperature Range,
TS ................................. -55°C to +150°C
Output current rating may be limited by duty
cycle, ambient temperature, and heat sinking.
Under any set of conditions, do not exceed the
specified current rating or a junction temperature
of 150
°C.
* Per SEMI G42-88 Specification, Thermal Test
Board Standardization for Measuring Junction-
to-Ambient Thermal Resistance of Semiconductor
Packages.


Similar Part No. - 3968

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
3968922 FESTO-3968922 Datasheet
98Kb / 2P
Pinch valve
11/26/21
3968923 FESTO-3968923 Datasheet
98Kb / 2P
Pinch valve
11/26/21
3968924 FESTO-3968924 Datasheet
97Kb / 2P
Pinch valve
11/26/21
3968925 FESTO-3968925 Datasheet
97Kb / 2P
Pinch valve
11/26/21
3968926 FESTO-3968926 Datasheet
99Kb / 2P
Pinch valve
11/26/21
More results

Similar Description - 3968

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
3968 ALLEGRO-3968_03 Datasheet
265Kb / 10P
DUAL FULL-BRIDGE PWM MOTOR DRIVER WITH BRAKE
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com