Electronic Components Datasheet Search
  English  ▼

X  

3968 Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # 3968
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER WITH BRAKE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3968 Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button 3968 Datasheet HTML 4Page - Allegro MicroSystems 3968 Datasheet HTML 5Page - Allegro MicroSystems 3968 Datasheet HTML 6Page - Allegro MicroSystems 3968 Datasheet HTML 7Page - Allegro MicroSystems 3968 Datasheet HTML 8Page - Allegro MicroSystems 3968 Datasheet HTML 9Page - Allegro MicroSystems 3968 Datasheet HTML 10Page - Allegro MicroSystems 3968 Datasheet HTML 11Page - Allegro MicroSystems 3968 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
3968
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
WITH BRAKE
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
MOTOR DRIVERS SELECTION GUIDE
Function
Output Ratings*
Part Number†
INTEGRATED CIRCUITS FOR BRUSHLESS DC MOTORS
3-Phase Power MOSFET Controller
—
28 V
3933
3-Phase Power MOSFET Controller
—
50 V
3932
3-Phase Power MOSFET Controller
—
50 V
7600
2-Phase Hall-Effect Sensor/Driver
400 mA
26 V
3626
Bidirectional 3-Phase Back-EMF Controller/Driver
±600 mA
14 V
8906
2-Phase Hall-Effect Sensor/Driver
900 mA
14 V
3625
3-Phase Back-EMF Controller/Driver
±900 mA
14 V
8902–A
3-Phase Controller/Drivers
±2.0 A
45 V
2936 & 2936-120
INTEGRATED BRIDGE DRIVERS FOR DC AND BIPOLAR STEPPER MOTORS
Dual Full Bridge with Protection & Diagnostics
±500 mA
30 V
3976
PWM Current-Controlled Dual Full Bridge
±650 mA
30 V
3966
PWM Current-Controlled Dual Full Bridge
±650 mA
30 V
3968
PWM Current-Controlled Dual Full Bridge
±750 mA
45 V
2916
PWM Current-Controlled Dual Full Bridge
±750 mA
45 V
2919
PWM Current-Controlled Dual Full Bridge
±750 mA
45 V
6219
PWM Current-Controlled Dual Full Bridge
±800 mA
33 V
3964
PWM Current-Controlled Full Bridge
±1.3 A
50 V
3953
PWM Current-Controlled Dual Full Bridge
±1.5 A
45 V
2917
PWM Current-Controlled Dual Full Bridge
±1.5 A
45 V
2918
PWM Current-Controlled Microstepping Full Bridge
±1.5 A
50 V
3955
PWM Current-Controlled Microstepping Full Bridge
±1.5 A
50 V
3957
PWM Current-Controlled Dual DMOS Full Bridge
±1.5 A
50 V
3972
Dual Full-Bridge Driver
±2.0 A
50 V
2998
PWM Current-Controlled Full Bridge
±2.0 A
50 V
3952
DMOS Full Bridge PWM Driver
±2.0 A
50 V
3958
PWM Current-Controlled Dual DMOS Full Bridge
±2.5 A
50 V
3971
UNIPOLAR STEPPER MOTOR & OTHER DRIVERS
Voice-Coil Motor Driver
±500 mA
6 V
8932–A
Voice-Coil Motor Driver
±800 mA
16 V
8958
Unipolar Stepper-Motor Quad Drivers
1 A
46 V
7024 & 7029
Unipolar Microstepper-Motor Quad Driver
1.2 A
46 V
7042
Unipolar Stepper-Motor Translator/Driver
1.25 A
50 V
5804
Unipolar Stepper-Motor Quad Driver
1.8 A
50 V
2540
Unipolar Stepper-Motor Quad Driver
1.8 A
50 V
2544
Unipolar Stepper-Motor Quad Driver
3 A
46 V
7026
Unipolar Microstepper-Motor Quad Driver
3 A
46 V
7044
* Current is maximum specified test condition, voltage is maximum rating. See specification for sustaining voltage limits
or over-current protection voltage limits. Negative current is defined as coming out of (sourcing) the output.
† Complete part number includes additional characters to indicate operating temperature range and package style.
Also, see 3175, 3177, 3235, and 3275 Hall-effect sensors for use with brushless dc motors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com