Electronic Components Datasheet Search
  English  ▼

X  

3968 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3968
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER WITH BRAKE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3968 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3968 Datasheet HTML 1Page - Allegro MicroSystems 3968 Datasheet HTML 2Page - Allegro MicroSystems 3968 Datasheet HTML 3Page - Allegro MicroSystems 3968 Datasheet HTML 4Page - Allegro MicroSystems 3968 Datasheet HTML 5Page - Allegro MicroSystems 3968 Datasheet HTML 6Page - Allegro MicroSystems 3968 Datasheet HTML 7Page - Allegro MicroSystems 3968 Datasheet HTML 8Page - Allegro MicroSystems 3968 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3968
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
WITH BRAKE
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VBB = 30 V, VCC = 4.75 V to 5.5 V, VREF = 2 V,
V
S = 0 V, 56 kΩ & 680 pF RC to Ground (unless noted otherwise) (cont.)
Control Logic (continued)
NOTES:1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device terminal.
PWM RC Frequency
f
osc
C
T = 680 pF, RT = 56 kΩ
22.9
25.4
27.9
kHz
PWM Propagation Delay Time
t
PWM
Comparator Trip to Source OFF
—
1.0
1.4
µs
Cycle Reset to Source ON
—
0.8
1.2
µs
Cross-Over Dead Time
t
codt
1 k
Ω Load to 25 V
0.2
1.8
3.0
µs
Propagation Delay Times
t
pd
I
OUT = ±650 mA, 50% to 90%:
Disable OFF to Source ON
—
100
—
ns
Disable ON to Source OFF
—
500
—
ns
Disable OFF to Sink ON
—
200
—
ns
Disable ON to Sink OFF
—
200
—
ns
Brake Enable to Sink ON
—
2200
—
ns
Brake Enable to Source OFF
—
200
—
ns
Thermal Shutdown Temp.
T
J
—
165
—
°C
Thermal Shutdown Hysteresis
∆T
J
—15
—
°C
UVLO Enable Threshold
V
T(UVLO)+
Increasing V
CC
—
4.1
4.6
V
UVLO Hysteresis
V
T(UVLO)hys
0.1
0.6
—
V
Logic Supply Current
I
CC(ON)
Both bridges ON (forward or reverse)
—
—
50
mA
I
CC(OFF)
All INPUTs = 2.4 V
—
—
9.0
mA
I
CC(BRAKE)
All INPUTs = 0.8 V
—
—
95
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com