Electronic Components Datasheet Search
  English  ▼

X  

3971 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3971
Description  DUAL DMOS FULL-BRIDGE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3971 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3971 Datasheet HTML 1Page - Allegro MicroSystems 3971 Datasheet HTML 2Page - Allegro MicroSystems 3971 Datasheet HTML 3Page - Allegro MicroSystems 3971 Datasheet HTML 4Page - Allegro MicroSystems 3971 Datasheet HTML 5Page - Allegro MicroSystems 3971 Datasheet HTML 6Page - Allegro MicroSystems 3971 Datasheet HTML 7Page - Allegro MicroSystems 3971 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3971
DUAL DMOS
FULL-BRIDGE DRIVER
Designed to interface between external PWM control logic and
inductive loads such as relays, solenoids, dc motors, or stepper motors,
each full bridge can operate with output currents to
±2.5 A and operating
voltages to 50 V.
Low rDS(on) DMOS output drivers provide low power dissipation
during PWM operation. Internal charge pump circuitry is used to create
a boosted voltage to fully enhance the high-side DMOS switches.
Three TTL-compatible logic-input terminals per bridge allow flex-
ibility in configuring PWM control.
Internal circuit protection includes thermal shutdown with hysteresis,
and crossover-current protection. Special power -up sequencing is not
required.
The A3971SLB is supplied in a 24-lead plastic SOIC with a copper
batwing tab. The power tab is at ground potential and needs no electri-
cal isolation.
FEATURES
I ±2.5 A Load Current Capability per Bridge
I Parallel Outputs for 5 A Load-Current Capability
I Low r
DS(on) Outputs
Typically 325 m
Ω source, 175 mΩ sink
I Synchronous Rectification via Control Logic
I Internal Undervoltage Monitor
I Crossover-Current Protection
I Source Connections for External Current Sensing
I Thermal Shutdown Circuitry
ADVANCE INFORMATION
(Subject to change without notice)
May 2, 2000
ABSOLUTE MAXIMUM RATINGS
at TA = +25°C
Load Supply Voltage, V
BB ................ 50 V
Output Current, I
OUT
Transient (<500 ns) ...................
±5 A
Logic Supply Voltage,
V
DD ............................................ 7.0 V
Sense Voltage, V
SENSE ...................... 0.5 V
Logic Input Voltage Range,
V
IN .................. -0.3 V to VDD + 0.3 V
High-Side Gate Voltage ........... V
BB + 8 V
Package Power Dissipation,
P
D ............................................. 2.2 W
Operating Temperature Range,
T
A ............................. -20°C to +85°C
Junction Temperature, T
J ............. +150°C
Storage Temperature Range,
T
S ........................... -55°C to +150°C
Output duty cycle, ambient temperature, and
heat sinking may limit current rating. Under
any set of conditions, do not exceed the
specified current rating or a junction tempera-
ture of 150
°C.
Always order by complete part number: A3971SLB .
CHARGE PUMP
24
23
22
21
20
19
18
17
16
15
14
13
GROUND
GROUND
PWM2
S20
OUT2A
LOAD
SUPPLY2
SENSE2
OUT2B
S21
VCP
CP2
VDD
Dwg. PP-069-2
1
2
3
4
5
6
7
8
9
12
11
10
9
GROUND
GROUND
NO
CONNECTION
LOGIC
GROUND
S10
OUT1A
OUT1B
S11
PWM1
CP1
SENSE1
LOAD
SUPPLY1
NC
LOGIC
SUPPLY
VBB2
VBB1


Similar Part No. - 3971

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3971 ADAFRUIT-3971 Datasheet
314Kb / 1P
USB Mini B Male Plug to 5 pin Terminal Block
logo
Littelfuse
3971100000 LITTELFUSE-3971100000 Datasheet
94Kb / 2P
SUBMINIATURE FUSES
3971100044 LITTELFUSE-3971100044 Datasheet
94Kb / 2P
SUBMINIATURE FUSES
3971125000 LITTELFUSE-3971125000 Datasheet
94Kb / 2P
SUBMINIATURE FUSES
3971125044 LITTELFUSE-3971125044 Datasheet
94Kb / 2P
SUBMINIATURE FUSES
More results

Similar Description - 3971

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6206 STMICROELECTRONICS-L6206 Datasheet
413Kb / 23P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6226 STMICROELECTRONICS-L6226 Datasheet
404Kb / 22P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6225 STMICROELECTRONICS-L6225_03 Datasheet
379Kb / 20P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6204 STMICROELECTRONICS-L6204_03 Datasheet
667Kb / 12P
DMOS DUAL FULL BRIDGE DRIVER
Jul-2003
L6226Q STMICROELECTRONICS-L6226Q Datasheet
478Kb / 28P
DMOS dual full bridge driver
10-Jun-2008
L6205PD013TR STMICROELECTRONICS-L6205PD013TR Datasheet
400Kb / 21P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6206PD013TR STMICROELECTRONICS-L6206PD013TR Datasheet
426Kb / 23P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
E-L6205PD STMICROELECTRONICS-E-L6205PD Datasheet
400Kb / 21P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6225DTR STMICROELECTRONICS-L6225DTR Datasheet
389Kb / 20P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6226PDTR STMICROELECTRONICS-L6226PDTR Datasheet
533Kb / 31P
DMOS dual full bridge driver
21-Oct-2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com