Electronic Components Datasheet Search
  English  ▼

X  

3971 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3971
Description  DUAL DMOS FULL-BRIDGE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3971 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3971 Datasheet HTML 1Page - Allegro MicroSystems 3971 Datasheet HTML 2Page - Allegro MicroSystems 3971 Datasheet HTML 3Page - Allegro MicroSystems 3971 Datasheet HTML 4Page - Allegro MicroSystems 3971 Datasheet HTML 5Page - Allegro MicroSystems 3971 Datasheet HTML 6Page - Allegro MicroSystems 3971 Datasheet HTML 7Page - Allegro MicroSystems 3971 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3971
DUAL DMOS
FULL-BRIDGE DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Logic Truth Table
PWM
x
S
x0
S
x1
OUT
xA
OUT
xB
Function
X
0
0
Z
Z
Disable
001L
H
Forward
0
1
0
H
L
Reverse
011LL
Synchronous
101LL
Rectification/
111LL
Slow Decay
110LL
Chop
Terminal List
Terminal
Name
Description
1
NC
No (Internal) connection
2
LGND
Logic ground
3S
10
Control input, bridge 1
4
OUT
1A
Output A, bridge 1
5V
BB1
Load supply voltage, bridge 1
6, 7
GND
Ground
8
SENSE
1
Sense resistor, bridge 1
9
OUT
1B
Output B, bridge 1
10
S
11
Control input, bridge 1
11
PWM
1
Control input, bridge 1
12
CP1
Charge-pump capacitor
13
CP2
Charge-pump capacitor
14
V
CP
Reservoir capacitor
15
S
21
Control input, bridge 2
16
OUT
2B
Output B, bridge 2
17
SENSE
2
Sense resistor, bridge 2
18, 19
GND
Ground
20
V
BB2
Load supply voltage, bridge 2
21
OUT
2A
Output A, bridge 2
22
S
20
Control input, bridge 2
23
PWM
2
Control input, bridge 2
24
V
DD
Logic supply voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com