Electronic Components Datasheet Search
  English  ▼

X  

3972 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # 3972
Description  DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3972 Datasheet(HTML) 5 Page - Allegro MicroSystems

  3972 Datasheet HTML 1Page - Allegro MicroSystems 3972 Datasheet HTML 2Page - Allegro MicroSystems 3972 Datasheet HTML 3Page - Allegro MicroSystems 3972 Datasheet HTML 4Page - Allegro MicroSystems 3972 Datasheet HTML 5Page - Allegro MicroSystems 3972 Datasheet HTML 6Page - Allegro MicroSystems 3972 Datasheet HTML 7Page - Allegro MicroSystems 3972 Datasheet HTML 8Page - Allegro MicroSystems 3972 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3972
DUAL DMOS FULL-BRIDGE
MICROSTEPPING PWM MOTOR DRIVER
www.allegromicro.com
5
Serial Interface. The A3972SB is controlled via a 3-wire
(clock, data, strobe) serial port. The programmable functions
allow maximum flexibility in configuring the PWM to the
motor drive requirements. The serial data is written as two
19-bit words: 1 bit to select the word and 18 bits of data. The
serial data is clocked in starting with D18.
Word 0 Bit Assignments
Bit
Function
D0
Word select = 0
D1
Bridge 1, DAC, LSB
D2
Bridge 1, DAC, bit 2
D3
Bridge 1, DAC, bit 3
D4
Bridge 1, DAC, bit 4
D5
Bridge 1, DAC, bit 5
D6
Bridge 1, DAC, MSB
D7
Bridge 2, DAC, LSB
D8
Bridge 2, DAC, bit 2
D9
Bridge 2, DAC, bit 3
D10
Bridge 2, DAC, bit 4
D11
Bridge 2, DAC, bit 5
D12
Bridge 2, DAC, MSB
D13
Bridge 1 phase
D14
Bridge 2 phase
D15
Bridge 1 mode
D16
Bridge 2 mode
D17
REF select
D18
Range select
D1 – D6 Bridge 1 Linear DAC. Six-bit word sets desired
current level for Bridge 1. Setting all six bits to zero disables
Bridge 1, with all drivers off (See current regulation section of
functional description).
D7 – D12 Bridge 2 Linear DAC. Six-bit word sets desired
current level for Bridge 2. Setting all six bits to zero disables
Bridge 2, with all drivers off (See current regulation section of
functional description).
FUNCTIONAL DESCRIPTION
continued next page ...
D13 Bridge 1 Phase. This bit controls the direction of
output current for Load 1.
D13
OUT
1A
OUT
1B
0L
H
1HL
D14 Bridge 2 Phase. This bit controls the direction of
output current for Load 2.
D14
OUT
2A
OUT
2B
0L
H
1HL
D15 Bridge 1 Mode.
D15
Mode
0
Mixed-decay
1
Slow-decay
D16 Bridge 2 Mode.
D16
Mode
0
Mixed-decay
1
Slow-decay
D17 REF Select. This bit determines the reference input for
the 6-bit linear DACs.
D17
Reference Voltage
0
Internal 2 V
1
External (3 V max)
D18 G
m Range Select. This bit determines the scaling factor
(4 or 8) used.
D18
Divider
Load Current
01/8
I
TRIP = VDAC/8RS
11/4
I
TRIP = VDAC/4RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com