Electronic Components Datasheet Search
  English  ▼

X  

3972 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # 3972
Description  DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3972 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button 3972 Datasheet HTML 3Page - Allegro MicroSystems 3972 Datasheet HTML 4Page - Allegro MicroSystems 3972 Datasheet HTML 5Page - Allegro MicroSystems 3972 Datasheet HTML 6Page - Allegro MicroSystems 3972 Datasheet HTML 7Page - Allegro MicroSystems 3972 Datasheet HTML 8Page - Allegro MicroSystems 3972 Datasheet HTML 9Page - Allegro MicroSystems 3972 Datasheet HTML 10Page - Allegro MicroSystems 3972 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3972
DUAL DMOS FULL-BRIDGE
MICROSTEPPING PWM MOTOR DRIVER
www.allegromicro.com
7
V
REG. This internally generated supply voltage is used to run
the sink-side DMOS outputs. V
REG is internally monitored and
in the case of a fault condition, the outputs of the device are
disabled. The V
REG pin should be decoupled with a 0.22 µF
capacitor to ground.
Current Regulation. The reference voltage can be set by
analog input to the REF terminal, or via the internal 2 V
precision reference. The choice of reference voltage and sense
resistor set the maximum trip current.
I
TRIPMAX = VREF/(Range x RS)
Microstepping current levels are set according to the following
equations:
I
TRIP = VDAC/(Range x RS)
V
DAC = [(1 + DAC) x VREF]/64
where DAC input code equals 1 to 63 and Range is 4 or 8 as
selected by Word 0, D18. Programming the DAC input code to
zero disables the bridge, and results in minimum load current.
PWM Timer Function. The PWM timer is programmable via
the serial port to provide fixed off-time PWM signals to the
control block. In mixed-decay mode, the first portion of the off
time operates in fast decay, until the fast-decay time count is
reached, followed by slow decay for the rest of the fixed off-
time period. If the fast-decay time is set longer than the off-
time, the device effectively operates in fast-decay mode.
Oscillator. The PWM timer is based on an oscillator input,
typically 4 MHz. The A3972SB can be configured to select
either a 4 MHz internal oscillator or, if more precision is
required, an external clock can be connected to the OSC
terminal. If an external clock is used, three internal divider
choices are selectable via the serial port to allow flexibility in
choosing f
OSC, based on available system clocks. If the internal
oscillator option is used, the absolute accuracy is dependent on
the process variation of resistance and capacitance. A precision
resistor can be connected from the OSC terminal to V
DD to
further improve the tolerance. The frequency will be:
f
OSC = 204 x 10
9
/R
OSC
If the internal oscillator is used without the external resistor, the
OSC terminal should be connected to ground.
Sleep Mode. The input terminal SLEEP is dedicated to
putting the device into a minimum current draw mode. When
pulled low, the serial port will be reset to all zeros and all
circuits will be disabled.
Shutdown. In the event of a fault due to excessive junction
temperature, or low voltage on V
CP or VREG, the outputs of the
device are disabled until the fault condition is removed. At
power up, or in the event of low V
DD, the UVLO circuit
disables the drivers and resets the data in the serial port to zeros.
Synchronous Rectification. When a PWM off-cycle is
triggered, either by a bridge disable command or internal fixed
off-time cycle, the load current will recirculate according to the
decay mode selected by the control logic. The A3972SB
synchronous rectification feature will turn on the appropriate
MOSFET(s) during the current decay and effectively short out
the body diodes with the low r
DS(on) driver. This will lower
power dissipation significantly and can eliminate the need for
external Schottky diodes for most applications.
Four distinct modes of operation can be configured with the two
serial port control bits:
1.
Active Mode. Prevents reversal of load current by
turning off synchronous rectification when a zero current
level is detected.
2.
Passive Mode. Allows reversal of current but will turn
off the synchronous rectifier circuit if the load current
inversion ramps up to the current limit.
3.
Disabled. MOSFET switching will not occur during load
recirculation. This setting would only be used with four
external clamp diodes per bridge.
4.
Low Side Only. The low-side MOSFETs will switch on
during the off time to short out the current path through the
MOSFET body diode. With this setting, the high-side
MOSFETs will not synchronously rectify so four external
diodes from output to supply are recommended. This mode
is intended for use with high-power applications where it is
desired to save the expense of two external diodes per
bridge. In this mode, the sink-side MOSFETs are chopped
during the PWM off time. In all other cases, the source-
side MOSFETs are chopped in response to a PWM off
command.
continued next page ...
FUNCTIONAL DESCRIPTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com