Electronic Components Datasheet Search
  English  ▼

X  

5348 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 5348
Description  SMOKE DETECTOR WITH INTERCONNECT AND TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5348 Datasheet(HTML) 1 Page - Allegro MicroSystems

  5348 Datasheet HTML 1Page - Allegro MicroSystems 5348 Datasheet HTML 2Page - Allegro MicroSystems 5348 Datasheet HTML 3Page - Allegro MicroSystems 5348 Datasheet HTML 4Page - Allegro MicroSystems 5348 Datasheet HTML 5Page - Allegro MicroSystems 5348 Datasheet HTML 6Page - Allegro MicroSystems 5348 Datasheet HTML 7Page - Allegro MicroSystems 5348 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SMOKE DETECTOR
WITH INTERCONNECT AND TIMER
The A5348CA is a low-current, CMOS circuit providing all of the
required features for an ionization-type smoke detector. A networking
capability allows as many as 125 units to be interconnected so that if
any unit senses smoke, all units will sound an alarm. In addition,
special features are incorporated to facilitate alignment and test of the
finished smoke detector. This device is designed to comply with
Underwriters Laboratories Specification UL217.
The internal oscillator and timing circuitry keeps standby power to
a minimum by powering down the device for 1.66 seconds and sensing
smoke for only 10 ms. Every 24 on/off cycles, a check is made for low
battery condition. By substituting other types of sensors, or a switch
for the ionization detector, this very-low power device can be used in
numerous other battery-operated safety/security applications.
The A5348CA is supplied in a low-cost, 16-pin dual in-line plastic
package. It is rated for continuous operation over the temperature
range of 0
°C to +50°C.
FEATURES
s Interconnect Up to 125 Detectors
s Piezoelectric Horn Driver
s Guard Outputs for Detector Input
s Pulse Testing for Low Battery
s Power-ON Reset
s Internal Reverse Battery Protection
s Internal Timer & Control for Reduced Sensitivity
s Built-In Hysteresis Reduces False Triggering
Always order by complete part number:
A5348CA .
ABSOLUTE MAXIMUM RATINGS
(Voltages are referenced to V
SS)
Supply Voltage Range,
V
DD
................................ -0.5 V to +15 V
Reverse Battery (10.5 V) ....................... 20 s
Input Voltage Range,
V
IN
........................ -0.3 V to V
DD
+ 0.3 V
Input Current, I
IN
............................... 10 mA
Operating Temperature Range,
T
A
..................................... 0
°C to +50°C
Storage Temperature Range,
T
S
............................... -55
°C to +125°C
CAUTION: CMOS devices have input static protection
but are susceptible to damage when exposed to
extremely high static electrical charges.
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
LOGIC
OSC. &
TIMING
HORN
DRIVER
GUARD
DETECT. IN
GUARD
SENSITIVITY
SET
OSC. CAP.
HORN
HORN
– SUPPLY
TIMER START
I / O
LOW-V SET
TIMER OUT
LED
+ SUPPLY
TIMING RES.
FEEDBACK
1
V DD
Dwg. PC-004
2
2
1
VSS
5348


Similar Part No. - 5348

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53481 MOLEX-53481 Datasheet
35Kb / 2P
slimstack_0635mm_025_pitch
05/17/2011
534810479 MOLEX-534810479 Datasheet
35Kb / 2P
slimstack_0635mm_025_pitch
05/17/2011
logo
Festo Corporation.
534845 FESTO-534845 Datasheet
84Kb / 1P
Air reservoir
534865 FESTO-534865 Datasheet
91Kb / 1P
Precision pressure regulator
3/18/22
534874 FESTO-534874 Datasheet
91Kb / 1P
Precision pressure regulator
3/18/22
More results

Similar Description - 5348

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5347 ALLEGRO-5347 Datasheet
91Kb / 8P
SMOKE DETECTOR WITH INTERCONNECT AND TIMER
5349 ALLEGRO-5349 Datasheet
83Kb / 8P
AC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
5358 ALLEGRO-5358 Datasheet
98Kb / 12P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
5368 ALLEGRO-5368 Datasheet
89Kb / 8P
SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5367CA ALLEGRO-A5367CA Datasheet
169Kb / 10P
SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5366CA ALLEGRO-A5366CA Datasheet
190Kb / 12P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5338 ALLEGRO-A5338 Datasheet
248Kb / 8P
Smoke Detector with Interconnect and Timer
logo
Sensitron
A5366 SENSITRON-A5366 Datasheet
402Kb / 13P
Photoelectric Smoke Detector with Interconnect and Timer
logo
Allegro MicroSystems
A5358CAT ALLEGRO-A5358CAT Datasheet
325Kb / 13P
Photoelectric Smoke Detector with Interconnect and Timer
A5303 ALLEGRO-A5303_16 Datasheet
799Kb / 15P
Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com