Electronic Components Datasheet Search
  English  ▼

X  

5348 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 5348
Description  SMOKE DETECTOR WITH INTERCONNECT AND TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5348 Datasheet(HTML) 3 Page - Allegro MicroSystems

  5348 Datasheet HTML 1Page - Allegro MicroSystems 5348 Datasheet HTML 2Page - Allegro MicroSystems 5348 Datasheet HTML 3Page - Allegro MicroSystems 5348 Datasheet HTML 4Page - Allegro MicroSystems 5348 Datasheet HTML 5Page - Allegro MicroSystems 5348 Datasheet HTML 6Page - Allegro MicroSystems 5348 Datasheet HTML 7Page - Allegro MicroSystems 5348 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Test
Continued next page . . .
Limits
Characteristic
Pin
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage Range
6
Operating
6.0
9.0
12
V
Detector Input Current
15
0 to 40% RH, V
IN
= 0 to 9.0 V
—
—
±1.0
pA
Input Offset Voltage
14-15
Active Guard
—
—
±100
mV
16-15
Active Guard
—
—
±100
mV
15-13
Detect Comparator
—
—
±50
mV
Hysteresis
13
No Alarm to Alarm
90
130
170
mV
Common Mode Range
14-15
Guard Amplifier
2.0
—
V
DD
- 0.5
V
13-15
Smoke Comparator
0.5
—
V
DD
- 2.0
V
Active Guard Impedance
14
to V
SS
—10
—
k
Ω
16
to V
SS
—
500
—
k
Ω
Oscillator Period
12
No Alarm
1.34
1.67
2.00
s
Alarm
32
40
48
ms
Oscillator Pulse Width
4
8.0
10
12
ms
Timer Period
4
After Pin 1 High-to-Low, No Smoke
8.0
10
12
min
Low Voltage Threshold
6
T
A
= 0 to 50
°C
7.2
—
7.8
V
Sensitivity Adj. Voltage
13
V
13
/V
DD
, pin 13 open circuit
48.5
50
51.5
%
Horn Output Voltage
10-11
I
OUT
= 16 mA, V
DD
= 9.0 V
—
0.1
0.5
V
I
OUT
= 16 mA, V
DD
= 7.2 V
—
—
0.9
V
I
OUT
= -16 mA, V
DD
= 9.0 V
8.5
8.8
—
V
I
OUT
= -16 mA, V
DD
= 7.2 V
6.3
—
—
V
Horn Output ON Time
10-11
Alarm
120
160
208
ms
Low Battery
8.0
10
12
ms
Horn Output OFF Time
10-11
Alarm
60
80
104
ms
Low Battery
32
40
48
s
Timer Start Logic Levels
1
V
IH
3.5
—
—
V
V
IL
—
—
1.5
V
Timer Start Input Current
1
V
IN
= 9.0 V
20
—
80
µA
ELECTRICAL CHARACTERISTICS at T
A
= +25
°C, V
DD
= 9.0 V, V
SS
= 0 V, C
12
= 0.1
µF,
R
7
= 8.2 M
Ω (unless otherwise noted).
NOTE 1: Negative current is defined as coming out of (sourcing) the specified device pin.
NOTE 2: Alarm (Smoke) Condition is defined as V
15 < V13; No Alarm (No Smoke) Condition as V15 > V13.
5348
SMOKE DETECTOR
with INTERCONNECT
and TIMER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com