Electronic Components Datasheet Search
  English  ▼

X  

5348 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 5348
Description  SMOKE DETECTOR WITH INTERCONNECT AND TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5348 Datasheet(HTML) 4 Page - Allegro MicroSystems

  5348 Datasheet HTML 1Page - Allegro MicroSystems 5348 Datasheet HTML 2Page - Allegro MicroSystems 5348 Datasheet HTML 3Page - Allegro MicroSystems 5348 Datasheet HTML 4Page - Allegro MicroSystems 5348 Datasheet HTML 5Page - Allegro MicroSystems 5348 Datasheet HTML 6Page - Allegro MicroSystems 5348 Datasheet HTML 7Page - Allegro MicroSystems 5348 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5348
SMOKE DETECTOR
with INTERCONNECT
and TIMER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Limits
Characteristic
Pin
Test Conditions
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS continued
Timer Out Output Current
4
V
OUT
= 0.5 V
500
—
—
µA
LED Output ON Current
5
V
DD
= 7.2 V, V
OUT
= 1.0 V
10
—
—
mA
LED Output ON Time
5
8.0
10
12
ms
LED Output OFF Time
5
No Alarm, In Standby
32
40
48
s
No Alarm, Timer Mode After Pin 1
High-to-Low
8.0
10
12
s
I/O Current
2
No Alarm, V
I/O
= V
DD
- 2.0 V
25
—
60
µA
Alarm, V
I/O
= V
DD
- 2.0 V
-7.5
—
—
mA
I/O Alarm Voltage
2
External “Alarm” In
3.0
—
—
V
I/O Delay
2
“Alarm” Out
—
3.0
—
s
Supply Current
6
V
DD
= 9.0 V, No Alarm, No Loads
—
5.0
9.0
µA
V
DD
= 12 V, No Alarm, No Loads
—
—
12
µA
Test
NOTE 1: Negative current is defined as coming out of (sourcing) the specified device pin.
NOTE 2: Alarm (Smoke) Condition is defined as V
15 < V13; No Alarm (No Smoke) Condition as V15 > V13.
CIRCUIT DESCRIPTION
The A5348CA is a low-current CMOS circuit
providing all of the required features for an
ionization-type smoke detector.
Oscillator. An internal oscillator operates
with a period of 1.67 seconds during no-
smoke conditions. Every 1.67 seconds,
internal power is applied to the entire circuit
and a check is made for smoke. Every 24
clock cycles (40 seconds), the LED is pulsed
and a check is made for low battery by
comparing V
DD to an internal reference.
Since very-low currents are used in the
device, the oscillator capacitor at pin 12
should be a low-leakage type (PTFE, polysty-
rene, or polypropylene).
Detector Circuitry. When smoke is detected, the resistor divider
network that sets the sensitivity (smoke trip point) is altered to increase
the sensitivity set voltage (pin 13) by typically 130 mV with no exter-
nal connections to pins 3 or 13. This provides hysteresis and reduces
false triggering. An active guard is provided on both pins adjacent to
the detector input (pin 15). The voltage at pins 14 and 16 will be
within 100 mV of the input. This will keep surface leakage currents to
a minimum and provide a method of measuring the input voltage
without loading the ionization chamber. The active guard amplifier is
not power strobed and thus provides constant protection from surface
leakage currents. The detector input has internal diode protection
against static damage.
Alarm Circuitry. If smoke is detected, the oscillator period changes
to 40 ms and the horn is enabled. The horn output is typically 160 ms
ON, 80 ms OFF. During the OFF time, smoke is again checked and
will inhibit further alarm output if smoke is not sensed. During smoke
conditions the low battery alarm is inhibited and the LED is driven at a
1 Hz rate.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com