Electronic Components Datasheet Search
  English  ▼

X  

5706 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 5706
Description  QUAD 2-INPUT PERIPHERAL/POWER DRIVER .TRANSIENT-PROTECTED OUTPUTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5706 Datasheet(HTML) 1 Page - Allegro MicroSystems

  5706 Datasheet HTML 1Page - Allegro MicroSystems 5706 Datasheet HTML 2Page - Allegro MicroSystems 5706 Datasheet HTML 3Page - Allegro MicroSystems 5706 Datasheet HTML 4Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5706
QUAD PERIPHERAL/POWER DRIVER
DISCONTINUED
PRODUCT
—
FOR
REFERENCE
ONL
Y
QUAD 2-INPUT PERIPHERAL/POWER DRIVER
—TRANSIENT-PROTECTED OUTPUTS
This 16-lead quad 2-input peripheral/power driver is a bipolar
monolithic integrated circuit containing logic gates, high-current
switching transistors, and transient-suppression diodes on the same
chip. The four output transistors are capable of simultaneously sinking
300 mA continuously at ambient temperatures of up to +70
°C. In the
OFF state, this driver will withstand at least 80 V.
The UDQ5706A quad driver is ideally suited for interface between
low-level or high-level logic and high-current/high-voltage loads.
Typical applications include driving peripheral loads such as incandes-
cent lamps, light-emitting diodes, memories, and heaters.
The integral transient-suppression diodes allow its use with
inductive loads such as relays, solenoids, or stepping motors without
the need of discrete diodes.
This device is furnished in a 16-pin DIP package with a copper
leadframe for improved thermal characteristics.
ABSOLUTE MAXIMUM RATINGS
at TA = +25°C
Supply Voltage, VCC ............................. 7.0 V
Input Voltage, VIN ................................... 30 V
Output Off-State Voltage,
VOFF ................................................ 80 V
Output On-State Sink Current,
ION ............................................. 600 mA
Suppression Diode Off-StateVoltage,
VOFF ................................................ 80 V
Suppression Diode On-State Current,
ION ............................................. 600 mA
Power Dissipation, PD ........................ 2.0 W*
Each Driver ................................... 0.8 W
Operating Free-Air Temperature Range,
TA .................................. -40°C to +85°C
Storage Temperature Range,
TS ................................ -55°C to +150°C
*Derate at the rate of 16.7 mW/
°C above
TA = +25°C
FEATURES
s DTL/TTL/PMOS/CMOS Compatible Inputs
s Low Input Current
s 300 mA Continuous Output Current
s Standoff Voltage of 80 V
Always order by complete part number, e.g., UDQ5706A .
Dwg. No. A-9866
5706


Similar Part No. - 5706

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5706 ETC1-5706 Datasheet
336Kb / 4P
QUAD 2-INPUT PERIPHERAL/POWER DRIVERS-TRANSIENT-PROTECTED OUTPUTS
logo
Heyco.
5706 HEYCO-5706 Datasheet
179Kb / 1P
Full Thickness Male Blades
logo
Bourns Electronic Solut...
5706-RC BOURNS-5706-RC Datasheet
474Kb / 1P
High Current Toroid Inductors
logo
Altech corporation
5706.2 ALTECH-5706.2 Datasheet
85Kb / 2P
INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
logo
Littelfuse
57060 LITTELFUSE-57060 Datasheet
248Kb / 1P
Magnets and Actuators
11/03/15
More results

Similar Description - 5706

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
Quad Fault Protected Peripheral Driver
logo
Allegro MicroSystems
2543 ALLEGRO-2543 Datasheet
135Kb / 8P
PROTECTED QUAD POWER DRIVER
2549 ALLEGRO-2549 Datasheet
137Kb / 8P
PROTECTED QUAD POWER DRIVER
5713 ALLEGRO-5713 Datasheet
88Kb / 4P
DUAL PERIPHERAL AND POWER DRIVER TRANSIENT PROTECTED OUTPUTS
UDN5741M ALLEGRO-UDN5741M Datasheet
435Kb / 6P
DUAL PERIPHERAL POWER DRIVERS TRANSIENT PROTECTED OUTPUTS
logo
List of Unclassifed Man...
UDN5703 ETC1-UDN5703 Datasheet
336Kb / 4P
QUAD 2-INPUT PERIPHERAL/POWER DRIVERS-TRANSIENT-PROTECTED OUTPUTS
UDN-5703A ETC1-UDN-5703A Datasheet
235Kb / 4P
QUAD 2-INPUT PERIPHERAL/POWER DRIVERS
logo
Texas Instruments
DS3668NHAPB TI1-DS3668NHAPB Datasheet
157Kb / 7P
DS3668 Quad Fault Protected Peripheral Driver
logo
Allegro MicroSystems
UDK2559EBTR ALLEGRO-UDK2559EBTR Datasheet
465Kb / 8P
Protected Quad Power Driver
UDK2559LBTR ALLEGRO-UDK2559LBTR Datasheet
465Kb / 8P
Protected Quad Power Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com