Electronic Components Datasheet Search
  English  ▼

X  

5706 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 5706
Description  QUAD 2-INPUT PERIPHERAL/POWER DRIVER .TRANSIENT-PROTECTED OUTPUTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5706 Datasheet(HTML) 2 Page - Allegro MicroSystems

  5706 Datasheet HTML 1Page - Allegro MicroSystems 5706 Datasheet HTML 2Page - Allegro MicroSystems 5706 Datasheet HTML 3Page - Allegro MicroSystems 5706 Datasheet HTML 4Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5706
QUAD PERIPHERAL/POWER DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
INPUT TEST PULSE CHARACTERISTICS
VIN(0) = 0 V
tf = 7 ns
tp = 1µs
VIN(1) = 3.5 V
tr = 14 ns
PRR = 500 kHz
Dwg. No. A-7878A
Dwg. No. A-7628C
RECOMMENDED OPERATING CONDITIONS
Min.
Nom.
Max.
Units
Supply Voltage (VCC)
4. 75
5.0
5.25
V
Operating Temperature Range
-40
+25
+85
°C
Current into any output (ON state)
—
—
300
mA
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 1995, 1996 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com