Electronic Components Datasheet Search
  English  ▼

X  

5706 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 5706
Description  QUAD 2-INPUT PERIPHERAL/POWER DRIVER .TRANSIENT-PROTECTED OUTPUTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5706 Datasheet(HTML) 3 Page - Allegro MicroSystems

  5706 Datasheet HTML 1Page - Allegro MicroSystems 5706 Datasheet HTML 2Page - Allegro MicroSystems 5706 Datasheet HTML 3Page - Allegro MicroSystems 5706 Datasheet HTML 4Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5706
QUAD PERIPHERAL/POWER DRIVER
Test Conditions
Limits
Driven
Other
Characteristic
Symbol
Temp.
VCC
Input
Input
Output
Min.
Typ.
Max.
Units
Notes
“1” Output Reverse Current
lOFF
—
MIN
2.0 V
2.0 V
80 V
—
—
100
µA—
—
OPEN
2.0 V
2.0 V
80 V
—
—
100
µA—
“0” Output Voltage
VON
—
MIN
0.8 V
VCC
150 mA
—
0.35
0.5
V
—
—
MIN
0.8 V
VCC
300 mA
—
0.5
0.7
V
—
“1” Input Voltage
VIN(1)
—
MIN
—
—
—
2.0
—
—
V
—
“0” Input Voltage
VIN(0)
—
MIN
—
—
—
—
—
0.8
V
—
“0” Input Current
IIN(0)
—
MAX
0.4 V
30 V
—
—
-50
-100
µA
2
“1” Input Current
IIN(1)
—
MAX
30 V
0 V
—
—
—
10
µA
2
Input Clamp Voltage
VLK
—
MIN
-12 mA
—
—
—
—
-1.5
V
—
Diode Leakage Current
IR
NOM
NOM
0 V
0 V
OPEN
—
—
200
µA3
Diode Forward Voltage Drop
VF
NOM
NOM
VCC
VCC
—
—
1.5
1.75
V
4
“1” Level Supply Current
lCC(1)
NOM
MAX
5.0 V
5.0 V
—
—
16
24
mA
5
“0” Level Supply Current
lCC(0)
NOM
MAX
0 V
0 V
—
—
70
98
mA
5
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Notes
Turn-on Delay Time
tpd0
VS = 70 V, RL = 465 Ω (10 Watts),
—
200
—
ns
CL = 15 pF (including probe and test fixture)
Turn-off Delay Time
tpd1
VS = 70 V, RL = 465 Ω (10 Watts),
—
300
—
ns
CL = 15 pF (including probe and test fixture)
ELECTRICAL CHARACTERISTICS over operating temperature range
(unless otherwise noted).
NOTES: 1. Typical values are at VCC = 5.0 V, TA = 25°C.
2. Each input tested separately.
3. Diode leakage current measured at VR = Voff (min).
4. Diode forward voltage drop measured at IF = 300 mA.
5. Per package.
SWITCHING CHARACTERISTICS at VCC = 5.0 V, TA = 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com